Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7805CV Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # L7805CV
Description  THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

L7805CV Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  L7805CV Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. L7805CV Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. L7805CV Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. L7805CV Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. L7805CV Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics L78xxCV
0˚C
≤ T
J ≤ 125˚C unless otherwise noted.
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
V
O
Output Voltage
Tj = 25˚C, 5 mA
≤ I
O ≤ 1A
4.8
5
5.2
11.5
12
12.5
14.4
15
15.6
V
P
D ≤ 15W, 5 mA ≤ IO ≤ 1A
4.75
5.25
11.4
12.6 14.25
15.75
V
V
MIN ≤ VIN ≤ VMAX
(7.5
≤ V
IN ≤ 20)
(14.5
≤ V
IN
27)
(17.5
≤ V
IN
30)
V
∆V
O
Line Regulation
I
O = 500
mA
Tj = 25˚C
3
50
4
120
4
150
mV
∆V
IN
(7
≤ V
IN ≤ 25)
14.5
≤ V
IN ≤ 30)
(17.5
≤ V
IN
30)
V
0˚C
≤ Tj ≤ +125˚C
50
120
150
mV
∆V
IN
(8
≤ V
IN ≤ 20)
(15
≤ V
IN ≤ 27)
(18.5
≤ V
IN
30)
V
I
O ≤ 1A
Tj = 25˚C
50
120
150
mV
∆V
IN
(7.5
≤ V
IN ≤ 20)
(14.6
≤ V
IN
27)
(17.7
≤ V
IN
30)
V
0˚C
≤ Tj ≤ +125˚C
25
60
75
mV
∆V
IN
(8
≤ V
IN ≤ 12)
(16
≤ V
IN ≤ 22)
(20
≤ V
IN ≤ 26)
V
∆V
O
Load Regulation
Tj = 25˚C
5 mA
≤ I
O ≤ 1.5A
10
50
12
120
12
150
mV
250 mA
≤ I
O
750 mA
25
60
75
mV
5mA
≤ I
O ≤ 1A, 0˚C ≤ Tj ≤
+125˚C
50
120
150
mV
I
Q
Quiescent Current
I
O ≤ 1A
Tj = 25˚C
8
8
8
mA
0˚C
≤ Tj ≤ +125˚C
8.5
8.5
8.5
mA
∆I
Q
Quiescent Current
5 mA
≤ I
O ≤ 1A
0.5
0.5
0.5
mA
Change
Tj = 25˚C, I
O ≤ 1A
1.0
1.0
1.0
mA
V
MIN ≤ VIN ≤ VMAX
(7.5
≤ V
IN ≤ 20)
(14.8
≤ V
IN≤ 27)
(17.9
≤ V
IN
30)
V
I
O ≤ 500 mA, 0˚C ≤ Tj ≤ +125˚C
1.0
1.0
1.0
mA
V
MIN ≤ VIN ≤ VMAX
(7
≤ V
IN ≤ 25)
(14.5
≤ V
IN≤ 30)
(17.5
≤ V
IN
30)
V
V
N
Output Noise
Voltage
T
A =25˚C, 10 Hz ≤ f ≤ 100 kHz
40
75
90
µV
Ripple Rejection
I
O ≤ 1A, Tj = 25˚C
or
62
80
55
72
54
70
dB
f = 120 Hz
I
O ≤ 500 mA
62
55
54
dB
0˚C
≤ Tj ≤ +125˚C
V
MIN ≤ VIN ≤ VMAX
(8
≤ V
IN ≤ 18)
(15
≤ V
IN ≤ 25)
(18.5
≤ V
IN
28.5)
V
R
O
Dropout Voltage
Tj = 25˚C, I
OUT = 1A
2.0
2.0
2.0
V
Output Resistance
f = 1 kHz
8
18
19
m
Note 1: Thermal resistance of the TO-3 package (K, KC) is typically 4˚C/W junction to case and 35˚C/W case to ambient. Thermal resistance of the TO-220 package
(T) is typically 4˚C/W junction to case and 50˚C/W case to ambient.
Note 2: All characteristics are measured with capacitor across the input of 0.22 µF, and a capacitor across the output of 0.1µF. All characteristics except noise voltage
and ripple rejection ratio are measured using pulse techniques (tw ≤ 10 ms, duty cycle ≤ 5%). Output voltage changes due to changes in internal temperature must
be taken into account separately.
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and the test conditions, see Elec-
trical Characteristics.
OutputVoltage
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 2/5
Rev.11T
L7805CV
L7812CV
L7815CV
5V
12V
15V
L7805CV/L7812CV/L7815CV


Similar Part No. - L7805CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7805CV STMICROELECTRONICS-L7805CV Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7805CV STMICROELECTRONICS-L7805CV Datasheet
1Mb / 52P
   Positive voltage regulators
L7805CV STMICROELECTRONICS-L7805CV Datasheet
1Mb / 56P
   Positive voltage regulators
L7805CV STMICROELECTRONICS-L7805CV Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
logo
Inchange Semiconductor ...
L7805CV ISC-L7805CV Datasheet
245Kb / 2P
   isc Three Terminal Positive Voltage Regulator
More results

Similar Description - L7805CV

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
LM78H05K THINKISEMI-LM78H05K Datasheet
634Kb / 5P
   THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
LM7805CK THINKISEMI-LM7805CK Datasheet
655Kb / 5P
   THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
LM7805K THINKISEMI-LM7805K Datasheet
633Kb / 5P
   THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
LM7805CT THINKISEMI-LM7805CT Datasheet
650Kb / 5P
   THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
L7805CT THINKISEMI-L7805CT Datasheet
632Kb / 5P
   THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com