Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2-DC9V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ST2-DC9V
Description  IC DRIVABLE PC BOARD RELAY FOR FIELD LOAD SWITCHING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ST2-DC9V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ST2-DC9V Datasheet HTML 1Page - Nais(Matsushita Electric Works) ST2-DC9V Datasheet HTML 2Page - Nais(Matsushita Electric Works) ST2-DC9V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ST
251
4. Influence of adjacent mounting
Sample: ST1-DC24V
5. Max. ambient temperature by operating
power
6. Contact reliability
(1)
(2)
(3)
(1) & (3) relays are energized.
Inter-relay distance, mm
5
101520
–20
–10
0
10
20
Drop-out
Pick-up
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
10
20
30
40
50
60
70
80
90
100
110
120
Operating power, mW
No load
8 A carrying
250 V AC
0.1
0.2 0.3 0.5 0.7 0.9
0.4 0.6 0.8 1.0
2.0 3.0 5.07.0 9.0
10 A
m = 3.9
η = 16.8×104
ρ
0.95 = 7.7 ×10
4
8 A
m = 3.5
η = 3.3×105
ρ
0.95 = 1.4 ×10
5
No. of operations,
×105
0.1
0.15
0.3
0.4
0.5
1.0
0.2
2.0
3.0
4.0
5.0
1.5
10.0
15.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
95.0
99.0
99.8
99.9
25.0
(%)
ST-Relay
250 V AC cos
ϕ = 1.0
0.33 Hz
.
.
ST relay socket
ST-SS
Solder terminal socket
ST-PS
PC board terminal socket
Specifications
Breakdown voltage
4,000 Vrms Coil/Contacts
2,000 Vrms Contacts/Contacts
Insulation resistance
More than 1,000 M
Ω between terminals
Heat resistance
150
°C (302°F) for 1 hr
Max. continuous current
10 A
Relay insertion life
15 times
DIMENSIONS
mm inch
ST-PS
ST-SS
31.6
1.244
35.4
1.394
16.6
.654
8
1
7
2
6
3
5
4
14.6
.575
16.4
.646
10.16
.400
1.05
.041
0.3
.012
5.5
.217
4
.158
4.3
.169
0.27
.011
10.16
.400
7.62
.300
7.62
.300
31.6
1.244
35.4
1.394
16.6
.654
8
1
7
2
6
3
5
4
14.6
.575
16.4
.646
10.16
.400
2.3
.090
0.3
.012
5.5
.217
4
.158
5.3
.209
0.27
.011
10.16
.400
7.62
.300
7.62
.300
Precautions for use (socket)
1. PC board mounting method
PC board pattern
The terminal configuration is symmetrical
on the left and right, so an arrow mark ;
is stamped on the socket to prevent mis-
insertion. We recommend printing the
same arrow mark ; on the component
mounting side (side opposite from pat-
tern) of the PC board. In this case, the ter-
minal configuration becomes the terminal
nos. noted near the drilling holes.
2. Chassis cutout
Chassis cutting dimensions
2.54
.100
8-1.5 DIA.
8-.060 DIA.
87
6
5
12
3
4
2.54
.100
Contact
terminal
interval
Coil
terminal
interval
15.0
±0.2
.591
±.008
32.5
±0.1
1.280
±.004
If the chassis hole is punched with a
press, set so the release R on the front
side (A side).
The range for chassis thickness is 0.6 to
2.2 mm .024 to .087 inch .
3. Relay mounting and removal
(1) Align the directions of the relay and socket.
Claw for chassis
fastening
Chassis t = 0.6 to 2.2
.024 to .087
Press
A side
Relay
(2) Insert the relay all the way in, so it is secure-
ly in place.
(3) Press the part indicated by A in the B direc-
tion, and fasten by placing the hook on the re-
lay.
(4). When removing the relay, completely re-
lease the hooks on both sides and pull the relay
out.
Hinge
mechanism
Relay case
cross-section
B
(Fastening complete)
(Before fastening)
A
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - ST2-DC9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ST2-DC9V-F PANASONIC-ST2-DC9V-F Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
More results

Similar Description - ST2-DC9V

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2270HFV ROHM-BD2270HFV_09 Datasheet
262Kb / 13P
MOSFET Controller IC for Load Switching
logo
ZETTLER Electronics
AZ957 ZETTLER-AZ957 Datasheet
54Kb / 2P
SUBMINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ9571 AZETTLER-AZ9571 Datasheet
103Kb / 2P
SUBMINIATURE PC BOARD RELAY
AZ955 AZETTLER-AZ955 Datasheet
80Kb / 2P
SUBMINIATURE PC BOARD RELAY
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ957 AZETTLER-AZ957 Datasheet
108Kb / 2P
SUBMINIATURE PC BOARD RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com