Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16JVSSIQ Datasheet(PDF) 25 Page - Winbond

Part # W25Q16JVSSIQ
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16JVSSIQ Datasheet(HTML) 25 Page - Winbond

Back Button W25Q16JVSSIQ Datasheet HTML 21Page - Winbond W25Q16JVSSIQ Datasheet HTML 22Page - Winbond W25Q16JVSSIQ Datasheet HTML 23Page - Winbond W25Q16JVSSIQ Datasheet HTML 24Page - Winbond W25Q16JVSSIQ Datasheet HTML 25Page - Winbond W25Q16JVSSIQ Datasheet HTML 26Page - Winbond W25Q16JVSSIQ Datasheet HTML 27Page - Winbond W25Q16JVSSIQ Datasheet HTML 28Page - Winbond W25Q16JVSSIQ Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
W25Q16JV
Publication Release Date: March 22, 2018, 2018
- 24 -
Revision G
Write Status Register-1 (01h), Status Register-2 (31h) & Status Register-3 (11h)
The Write Status Register instruction allows the Status Registers to be written. The writable Status Register
bits include: SEC, TB, BP[2:0] in Status Register-1; CMP, LB[3:1], QE, SRL in Status Register-2; DRV1,
DRV0, WPS in Status Register-3. All other Status Register bit locations are read-only and will not be
affected by the Write Status Register instruction. LB[3:1] are non-volatile OTP bits, once it is set to 1, it
cannot be cleared to 0.
To write non-volatile Status Register bits, a standard Write Enable (06h) instruction must previously have
been executed for the device to accept the Write Status Register instruction (Status Register bit WEL must
equal 1). Once write enabled, the instruction is entered by driving /CS low, sending the instruction code
“01h/31h/11h”, and then writing the status register data byte as illustrated in Figure 9a.
To write volatile Status Register bits, a Write Enable for Volatile Status Register (50h) instruction must have
been executed prior to the Write Status Register instruction (Status Register bit WEL remains 0). However,
SRL and LB[3:1] cannot be changed from “1” to “0” because of the OTP protection for these bits. Upon
power off or the execution of a Software/Hardware Reset, the volatile Status Register bit values will be lost,
and the non-volatile Status Register bit values will be restored.
During non-volatile Status Register write operation (06h combined with 01h/31h/11h), after /CS is driven
high, the self-timed Write Status Register cycle will commence for a time duration of tW (See AC
Characteristics). While the Write Status Register cycle is in progress, the Read Status Register instruction
may still be accessed to check the status of the BUSY bit. The BUSY bit is a 1 during the Write Status
Register cycle and a 0 when the cycle is finished and ready to accept other instructions again. After the
Write Status Register cycle has finished, the Write Enable Latch (WEL) bit in the Status Register will be
cleared to 0.
During volatile Status Register write operation (50h combined with 01h/31h/11h), after /CS is driven high,
the Status Register bits will be refreshed to the new values within the time period of tSHSL2 (See AC
Characteristics). BUSY bit will remain 0 during the Status Register bit refresh period.
Refer to section 7.1 for Status Register descriptions.
Figure 9a. Write Status Register-1/2/3 Instruction
/CS
CLK
DI
(IO0)
DO
(IO1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction
(01h/31h/11h)
High Impedance
8
9
10
11
12
13
14
15
7
6
5
4
3
2
1
0
Register-1/2/3 in
Mode 0
Mode 3
*
= MSB
*


Similar Part No. - W25Q16JVSSIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
W25Q16 ETC-W25Q16 Datasheet
588Kb / 15P
Arduino MKR WAN 1310
12/23/2020
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIG WINBOND-W25Q16BVDAIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIP WINBOND-W25Q16BVDAIP Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16JVSSIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG-TR WINBOND-W25Q16DVDAIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
3V 128M-bit serial flash memory with dual/quad spi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com