Electronic Components Datasheet Search |
|
W25Q16JVSSIQ Datasheet(PDF) 22 Page - Winbond |
|
W25Q16JVSSIQ Datasheet(HTML) 22 Page - Winbond |
22 / 75 page W25Q16JV - 21 - Instruction Set Table 2 (Dual/Quad SPI Instructions)(1) Data Input Output Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 Byte 6 Byte 7 Byte 8 Byte 9 Number of Clock(1-1-2) 8 8 8 8 4 4 4 4 4 Fast Read Dual Output 3Bh A23-A16 A15-A8 A7-A0 Dummy Dummy (D7-D0)(7) Number of Clock(1-2-2) 8 4 4 4 4 4 4 4 4 Fast Read Dual I/O BBh A23-A16(6) A15-A8(6) A7-A0(6) Dummy(11) (D7-D0)(7) Mftr./Device ID Dual I/O 92h A23-A16(6) A15-A8(6) 00(6) Dummy(11) (MF7-MF0) (ID7-ID0)(7) Number of Clock(1-1-4) 8 8 8 8 2 2 2 2 2 Quad Input Page Program 32h A23-A16 A15-A8 A7-A0 (D7-D0)(9) (D7-D0)(3) … Fast Read Quad Output 6Bh A23-A16 A15-A8 A7-A0 Dummy Dummy Dummy Dummy (D7-D0)(10) Number of Clock(1-4-4) 8 2(8) 2(8) 2(8) 2 2 2 2 2 Mftr./Device ID Quad I/O 94h A23-A16 A15-A8 00 Dummy(11) Dummy Dummy (MF7-MF0) (ID7-ID0) Fast Read Quad I/O EBh A23-A16 A15-A8 A7-A0 Dummy(11) Dummy Dummy (D7-D0) Set Burst with Wrap 77h Dummy Dummy Dummy W8-W0 Notes: 1. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data output from the device on either 1, 2 or 4 IO pins. 2. The Status Register contents and Device ID will repeat continuously until /CS terminates the instruction. 3. At least one byte of data input is required for Page Program, Quad Page Program and Program Security Registers, up to 256 bytes of data input. If more than 256 bytes of data are sent to the device, the addressing will wrap to the beginning of the page and overwrite previously sent data. 4. Write Status Register-1 (01h) can also be used to program Status Register-1&2, see section 8.2.5. 5. Security Register Address: Security Register 1: A23-16 = 00h; A15-8 = 10h; A7-0 = byte address Security Register 2: A23-16 = 00h; A15-8 = 20h; A7-0 = byte address Security Register 3: A23-16 = 00h; A15-8 = 30h; A7-0 = byte address 6. Dual SPI address input format: IO0 = A22, A20, A18, A16, A14, A12, A10, A8 A6, A4, A2, A0, M6, M4, M2, M0 IO1 = A23, A21, A19, A17, A15, A13, A11, A9 A7, A5, A3, A1, M7, M5, M3, M1 7. Dual SPI data output format: IO0 = (D6, D4, D2, D0) IO1 = (D7, D5, D3, D1) 8. Quad SPI address input format: Set Burst with Wrap input format: IO0 = A20, A16, A12, A8, A4, A0, M4, M0 IO0 = x, x, x, x, x, x, W4, x IO1 = A21, A17, A13, A9, A5, A1, M5, M1 IO1 = x, x, x, x, x, x, W5, x IO2 = A22, A18, A14, A10, A6, A2, M6, M2 IO2 = x, x, x, x, x, x, W6, x IO3 = A23, A19, A15, A11, A7, A3, M7, M3 IO3 = x, x, x, x, x, x, x, x 9. Quad SPI data input/output format: IO0 = (D4, D0, …..) IO1 = (D5, D1, …..) IO2 = (D6, D2, …..) IO3 = (D7, D3, …..) 10. Fast Read Quad I/O data output format: IO0 = (x, x, x, x, D4, D0, D4, D0) IO1 = (x, x, x, x, D5, D1, D5, D1) IO2 = (x, x, x, x, D6, D2, D6, D2) IO3 = (x, x, x, x, D7, D3, D7, D3) 11. The first dummy is M7-M0 should be set to Fxh |
Similar Part No. - W25Q16JVSSIQ |
|
Similar Description - W25Q16JVSSIQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |