Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16JVSSIQ Datasheet(PDF) 15 Page - Winbond

Part # W25Q16JVSSIQ
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16JVSSIQ Datasheet(HTML) 15 Page - Winbond

Back Button W25Q16JVSSIQ Datasheet HTML 11Page - Winbond W25Q16JVSSIQ Datasheet HTML 12Page - Winbond W25Q16JVSSIQ Datasheet HTML 13Page - Winbond W25Q16JVSSIQ Datasheet HTML 14Page - Winbond W25Q16JVSSIQ Datasheet HTML 15Page - Winbond W25Q16JVSSIQ Datasheet HTML 16Page - Winbond W25Q16JVSSIQ Datasheet HTML 17Page - Winbond W25Q16JVSSIQ Datasheet HTML 18Page - Winbond W25Q16JVSSIQ Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
W25Q16JV
Publication Release Date: March 22, 2018, 2018
- 14 -
Revision G
Figure 4b. Status Register-2
Erase/Program Suspend Status (SUS)
– Status Only
The Suspend Status bit is a read only bit in the status register (S15) that is set to 1 after executing a
Erase/Program Suspend (75h) instruction. The SUS status bit is cleared to 0 by Erase/Program Resume
(7Ah) instruction as well as a power-down, power-up cycle.
Security Register Lock Bits (LB3, LB2, LB1)
–Non-Volatile OTP Writable
The Security Register Lock Bits (LB3, LB2, LB1) are non-volatile One Time Program (OTP) bits in Status
Register (S13, S12, S11) that provide the write protect control and status to the Security Registers. The
default state of LB3-1 is 0, Security Registers are unlocked. LB3-1 can be set to 1 individually using the
Write Status Register instruction. LB3-
1 are One Time Programmable (OTP), once it’s set to 1, the
corresponding 256-Byte Security Register will become read-only permanently.
8. QUAD ENABLE (QE)
Volatile/Non-Volatile Writable
The Quad Enable (QE) bit is a non-volatile read/write bit in the status register (S9) that enables Quad SPI
operation. When the QE bit is set to a 0 state (factory default
for part numbers with ordering options “IM” &
“JM”), the /HOLD are enabled, the device operates in Standard/Dual SPI modes. When the QE bit is set to
a 1 (factory fixed default
for part numbers with ordering options “IQ” &”JQ”), the Quad IO2 and IO3 pins are
enabled, and /HOLD function is disabled, the device operates in Standard/Dual/Quad SPI modes.
S15
S14
S13
S12
S11
S10
S9
S8
SUS
CMP
LB 3
LB 2
LB 1
(R )
QE
SR L
Status Register Lock
(Volatile/Non-Volatile Writable)
Complement Protect
(Volatile/Non-Volatile Writable)
Security Register Lock Bits
(Non-Volatile OTP Writable)
Reserved
Quad Enable
(Volatile/Non-Volatile Writable)
Suspend Status
(Status-Only)


Similar Part No. - W25Q16JVSSIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
W25Q16 ETC-W25Q16 Datasheet
588Kb / 15P
Arduino MKR WAN 1310
12/23/2020
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIG WINBOND-W25Q16BVDAIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIP WINBOND-W25Q16BVDAIP Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16JVSSIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG-TR WINBOND-W25Q16DVDAIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
3V 128M-bit serial flash memory with dual/quad spi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com