Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16JVSSIQ Datasheet(PDF) 14 Page - Winbond

Part # W25Q16JVSSIQ
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16JVSSIQ Datasheet(HTML) 14 Page - Winbond

Back Button W25Q16JVSSIQ Datasheet HTML 10Page - Winbond W25Q16JVSSIQ Datasheet HTML 11Page - Winbond W25Q16JVSSIQ Datasheet HTML 12Page - Winbond W25Q16JVSSIQ Datasheet HTML 13Page - Winbond W25Q16JVSSIQ Datasheet HTML 14Page - Winbond W25Q16JVSSIQ Datasheet HTML 15Page - Winbond W25Q16JVSSIQ Datasheet HTML 16Page - Winbond W25Q16JVSSIQ Datasheet HTML 17Page - Winbond W25Q16JVSSIQ Datasheet HTML 18Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
W25Q16JV
- 13 -
Status Register Protect SRP, SRL)
– Volatile/Non-Volatile Writable
Three Status and Configuration Registers are provided for W25Q16JV. The Read Status Register-1/2/3
instructions can be used to provide status on the availability of the flash memory array, whether the device
is write enabled or disabled, the state of write protection, Quad SPI setting, Security Register lock status,
Erase/Program Suspend status, and output driver strength, The Write Status Register instruction can be
used to configure the device write protection features, Quad SPI setting,
Security Register OTP locks,
output driver. Write access to the Status Register is controlled by the state of the non-volatile Status Register
Protect bits (SRP, SRL), the Write Enable instruction, and during Standard/Dual SPI operations, the /WP
pin.
SRL
SRP
/WP
Status
Register
Description
0
0
X
Software
Protection
/WP pin has no control. The Status register can be written to
after a Write Enable instruction, WEL=1. [Factory Default]
0
1
0
Hardware
Protected
When /WP pin is low the Status Register locked and cannot be
written to.
0
1
1
Hardware
Unprotected
When /WP pin is high the Status register is unlocked and can
be written to after a Write Enable instruction, WEL=1.
1
X
X
Power Supply
Lock-Down
Status Register is protected and cannot be written to again
until the next power-down, power-up cycle.(1)
1
X
X
One Time
Program(2)
Status Register is permanently protected and cannot be written
to. (enabled by adding prefix command AAh, 55h)
1. When SRL =1 , a power-down, power-up cycle will change SRL =0 state.
2. Please contact Winbond for details regarding the special instruction sequence.
.


Similar Part No. - W25Q16JVSSIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
W25Q16 ETC-W25Q16 Datasheet
588Kb / 15P
   Arduino MKR WAN 1310
12/23/2020
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIG WINBOND-W25Q16BVDAIG Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIP WINBOND-W25Q16BVDAIP Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16JVSSIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG-TR WINBOND-W25Q16DVDAIG-TR Datasheet
1Mb / 80P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com