Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16JVSSIQ Datasheet(PDF) 12 Page - Winbond

Part # W25Q16JVSSIQ
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16JVSSIQ Datasheet(HTML) 12 Page - Winbond

Back Button W25Q16JVSSIQ Datasheet HTML 8Page - Winbond W25Q16JVSSIQ Datasheet HTML 9Page - Winbond W25Q16JVSSIQ Datasheet HTML 10Page - Winbond W25Q16JVSSIQ Datasheet HTML 11Page - Winbond W25Q16JVSSIQ Datasheet HTML 12Page - Winbond W25Q16JVSSIQ Datasheet HTML 13Page - Winbond W25Q16JVSSIQ Datasheet HTML 14Page - Winbond W25Q16JVSSIQ Datasheet HTML 15Page - Winbond W25Q16JVSSIQ Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
W25Q16JV
- 11 -
7.
STATUS AND CONFIGURATION REGISTERS
Three Status and Configuration Registers are provided for W25Q16JV. The Read Status Register-1/2/3
instructions can be used to provide status on the availability of the flash memory array, whether the
device is write enabled or disabled, the state of write protection, Quad SPI setting, Security Register lock
status, Erase/Program Suspend status, and output driver strength. The Write Status Register instruction
can be used to configure the device write protection features, Quad SPI setting, Security Register OTP
locks, and output driver strength. Write access to the Status Register is controlled by the state of the non-
volatile Status Register Protect bits (SRL), the Write Enable instruction, and during Standard/Dual SPI
operations.
7.1
Status Registers
Figure 4a. Status Register-1
Erase/Write In Progress (BUSY)
– Status Only
BUSY is a read only bit in the status register (S0) that is set to a 1 state when the device is executing a
Page Program, Quad Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register or
Erase/Program Security Register instruction. During this time the device will ignore further instructions
except for the Read Status Register and Erase/Program Suspend instruction (see tW, tPP, tSE, tBE, and tCE
in AC Characteristics). When the program, erase or write status/security register instruction has completed,
the BUSY bit will be cleared to a 0 state indicating the device is ready for further instructions.
Write Enable Latch (WEL)
– Status Only
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to 1 after executing a Write
Enable Instruction. The WEL status bit is cleared to 0 when the device is write disabled. A write disable
state occurs upon power-up or after any of the following instructions: Write Disable, Page Program, Quad
Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Erase Security Register and
Program Security Register.
Block Protect Bits (BP2, BP1, BP0)
– Volatile/Non-Volatile Writable
The Block Protect Bits (BP2, BP1, BP0) are non-volatile read/write bits in the status register (S4, S3, and
S2) that provide Write Protection control and status. Block Protect bits can be set using the Write Status
Register Instruction (see tW in AC characteristics). All, none or a portion of the memory array can be
protected from Program and Erase instructions (see Status Register Memory Protection table). The factory
default setting for the Block Protection Bits is 0, none of the array protected.
SRP
SEC
TB
BP2
BP1
BP0
WEL BUSY
TOP/BOTTOM PROTECT
WRITE ENABLE LATCH
S7
S6
S5
S4
S3
S2
S1
S0
STATUS REGISTER PROTECT
SECTOR PROTECT
BLOCK PROTECT BITS
WRITE IN PROGRESS
(volatile/non-volatile)
(volatile/non-volatile)
(volatile/non-volatile)
(volatile/non-volatile)


Similar Part No. - W25Q16JVSSIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
W25Q16 ETC-W25Q16 Datasheet
588Kb / 15P
   Arduino MKR WAN 1310
12/23/2020
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIG WINBOND-W25Q16BVDAIG Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIP WINBOND-W25Q16BVDAIP Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16JVSSIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG-TR WINBOND-W25Q16DVDAIG-TR Datasheet
1Mb / 80P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com