Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 24 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 20Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 21Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 22Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 23Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 24Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 25Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 26Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 27Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
7.3.7 LED Current Sinks
7.3.7.1 LED Output Current Setting
The maximum output LED current is set by an external resistor value. For the application only using external
resistor RISET to set the maximum LED current for each string, the Equation 14 is used to calculate the current
setting of all strings:
LED
ISET
1.21V
I
=
2580
R
u
(14)
The LEDx_CURRENT[11:0] registers can also be used to adjust strings current down from this maximum. The
default value for LEDx_CURRENT[11:0] registers is the maximum 0xFFF(4095). Equation 15 is used to calculate
the current setting of an individual string:
LED
ISET
1.21V
LED_CURRENT[11:0]
I
=
2580
R
4095
§
· §
·
u
u
¨
¸ ¨
¸
©
¹
©
¹
(15)
For high accuracy of LED current, the ILED current is recommended to set in range from 30 mA to 200 mA. So
the RISET value is in the range from 15.6 kΩ to 104 kΩ.
RISET
ISET
EXTERNAL
CURRENT
SENSING
LED_CURRENT[11:0]
EA
VDD
OUT2 Current Sink
OUT1 Current Sink
OUT3 Current Sink
OUT4 Current Sink
OUT5 Current Sink
OUT6 Current Sink
R
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
VREF
Current Gain
Figure 7-8. LED Driver Current Setting Circuit
7.3.7.2 LED Output String Configuration
The Six LED driver channels of the LP8866S-Q1 device is configured by the LED_SET resistor, which supports
applications using one to Six LED strings. Resistor with 1% accuracy is needed to ensure proper operation. The
driver channels can also be tied together in groups of one, two or three. This allows the LP8866S-Q1 device to
drive three 300-mA LED strings, two 450-mA LED strings, or one 900-mA LED string. The LED strings are
always appropriately phase shifted for their string configuration. This reduces the ripple seen at the boost output,
which allows smaller output capacitors and reduces audible ringing in the capacitors. Phase shift increases the
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com