Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 19Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 20Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 21Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 22Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 23Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 24Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 25Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 26Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
Table 7-3. Boost Synchronization Mode (continued)
BST_SYNC PIN LEVEL
BOOST CLOCK MODE
100-kHz to 2222-kHz clock frequency
Spread spectrum disabled, external synchronization mode
If using the external BST_SYNC input, the RBST_SET resistor should be chosen the closest boost frequency
options with the external frequency.
The spread spectrum function helps to reduce EMI noise around the switching frequency and its harmonic
frequencies. The internal spread spectrum function modulates the boost frequency ±3.3% to 7.2% from the
central frequency with a 200-Hz to 1.2-kHz modulation frequency. The switching frequency variation is
programmable by SPREAD_RANGE register, and the modulation frequency is programmable by
SPREAD_MOD_FREQ register. The spread-spectrum function cannot be used when an external
synchronization clock is used.
Table 7-4. Spread Spectrum Frequency Range
SPREAD_RANGE (Binary)
SWITCHING FREQUENCY VARIATION
00
±3.3%
01
±4.3%
10 (Default)
±5.3%
11
±7.2%
Table 7-5. Spread Spectrum Modulation Frequency
SPREAD_MOD_FREQ (Binary)
MODULATION FREQUENCY
00 (Default)
200 Hz
01
500 Hz
10
800 Hz
11
1200 Hz
7.3.6.5 Boost Output Discharge
When the EN pin is pulled low, the device stops the boost controller and LED current sinks, turns off the power-
line FET, and starts to discharge the boost output. The discharge pin typically sinks 30-mA current. The
discharge duration is 400 ms. After 400 ms, the device shuts down. The DISCHARGE pin must be connected
with boost output for normal operation.
There is one internal comparator to monitor the voltage of DISCHARGE pin. As soon as the voltage of
DISCHARGE pin is higher than VBST_OVPH (typically 50 V), the device enters into fault recovery mode, and
BST_OVPH fault is reported. This provides further protection if boost voltage is out of control because of system
failure.
Discharge function is only available in HTSSOP package. It's not available in QFN package.
7.3.6.6 Light Load Mode
The DC-DC controller will enter into light load mode in below condition:
• VIN voltage is very close to VOUT
• Loading current is very low
• PWM pulse width is very short
When DC-DC converter enters into light load mode, it stops switching occasionally to make sure output voltage
won't rise up too much. It could also be called as PFM mode, since the DC-DC converter switching frequency
will change in this mode.
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com