Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 17Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 18Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 19Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 20Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 21Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 22Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 23Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 24Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
1
BOOST_MIN
REF
2
R
V
=
+1
V
R
§
·
u
¨
¸
©
¹
(8)
When the boost OVP_LOW level is reached the boost controller stops switching the boost FET, and the
BSTOVPL_STATUS bit is set. The LED drivers are still active during this condition, and the boost resumes
normal switching operation once the boost output level falls. The boost OVP low voltage threshold changes
dynamically with current boost voltage. It is calculated in Equation 9:
(
)
§
·
u
¨
¸
¹
©
1
BOOST_OVPL
BOOST
FB_OVPL
REF
2
R
V
= V
+
+1
V
V
R
(9)
where
• VFB_OVPL= 1.423 V
• VREF= 1.21 V
When the boost OVP_LOW level is reached the boost controller enters fault recovery mode, and the
BSTOVPH_STATUS bit is set. The boost OVP high-voltage threshold also changes dynamically with current
boost voltage and is calculated in Equation 10:
(
)
§
·
u
¨
¸
¹
©
1
BOOST_OVPH
BOOST
FB_OVPH
REF
2
R
V
= V
+
+1
V
V
R
(10)
where
• VFB_OVPH = 1.76 V
• VREF= 1.21 V
When the boost UVP level is reached the boost controller starts a 110-ms OCP counter. The LP8866S-Q1
device enters the fault recovery mode and sets the BSTOCP_STATUS bit if the boost voltage does not rise
above the UVP threshold before the timer expires. The boost UVP voltage threshold also changes dynamically
with current boost voltage and is calculated in Equation 11:
(
)
1
BOOST_UVP
BOOST
REF
UVP
2
R
V
= V
+1
V
V
R
§
·
u
¨
©
¹
¸
(11)
where
• VUVP = 0.886 V
• VREF= 1.21 V
7.3.6.3.3 FB Divider Using External Compensation
The device has internal compensation network to keep the DC-DC control loop in good stability in most cases.
However, an additional external compensation network could also be added on FB-pin to offer more flexibility in
loop design or solving some extreme use-cases.
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com