Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 20 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 16Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 17Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 18Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 19Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 20Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 21Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 22Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 23Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
(
)
1
BOOST_UVP
BOOST
REF
UVP
2
R
V
= V
+1
V
V
R
§
·
u
¨
©
¹
¸
(6)
where
• VUVP = 0.886 V
• VREF = 1.21 V
7.3.6.3.2 FB Divider Using Three-Resistor Method
A FB-pin circuit using a three-resistor divider circuit can be used for applications where less than 200-kΩ
resistors are required.
+
±
R
Q
Q
S
VREF
R2
GM
+
±
CURRENT RAMP
GENERATOR
COMP
+
±
GM
OVP
OCP
TSD
R1
COUT
CIN
PGND
ISNS
ISNSGND
FB
GD
CPUMP
VIN
VOUT
Pulse
Generator
+
±
+
±
+
±
VOVPH
VOVPL
VUVP
BSTOVPH
BSTOVPL
BSTOCP
ISEL[10:0]
R3
Figure 7-6. Three-Resistor FB Divider Circuit
Maximum boost voltage can be calculated with Equation 7. The maximum boost voltage can be reached during
OPEN string detection or if all LED strings are left disconnected.
1
3
1
BOOST_MAX
1
3
SEL_MAX
REF
2
2
R
R
R
V
=
+R +R
I
+
+1
V
R
R
§
·
§
·
u
u
u
¨
¸
¨
¸
©
¹
©
¹
(7)
where
• VREF = 1.21 V
• ISEL_MAX = 38.7 µA
• R1 / R2 normal recommended range is 7 to 15
The minimum boost voltage must be less than the minimum LED string voltage. Minimum boost voltage is
calculated in Equation 8:
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com