Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 14Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 15Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 16Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 17Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 18Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 19Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 20Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 21Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
No actions
Boost
decreases voltage
Boost
Increases
voltage
No output is close to
VHEADROOM threshold
One output is lower than
VHEADROOM threshold
Normal
Conditions
Dynamic
Conditions
OUT1~6 PIN
VOLTAGE
VLEDSHORT
VHEADROOM+VHEADROOM_HYS
VHEADROOM
The lowest channel
voltage touches
VHEADROOM threshold
Figure 7-4. Adaptive Boost Voltage Control Loop Function
The resistive divider (R1, R2) defines both the minimum and maximum adaptive boost voltage levels. The
feedback circuit operates the same in boost and SEPIC topologies. Choose maximum boost voltage based on
the maximum LED string voltage specification. Before the LED drivers are active, the boost starts up to the initial
boost level. The initial boost voltage is approximately in the 88% point of minimum to maximum boost voltage.
Once the LED driver channels are active, the boost output voltage is adjusted automatically based on OUTx pin
voltages. The FB pin resistor divider also scales the boost OVP, OCP levels and the LED short level in HUD
application.
7.3.6.3.1 FB Divider Using Two-Resistor Method
A typical FB-pin circuit uses a two-resistor divider circuit between the boost output voltage and ground.
+
±
R
Q
Q
S
VREF
R2
GM
+
±
CURRENT RAMP
GENERATOR
COMP
+
±
GM
OVP
OCP
TSD
R1
COUT
CIN
PGND
ISNS
ISNSGND
FB
GD
CPUMP
VIN
VOUT
Pulse
Generator
+
±
+
±
+
±
VOVPH
VOVPL
VUVP
BSTOVPH
BSTOVPL
BSTOCP
ISEL[10:0]
Figure 7-5. Two-Resistor FB Divider Circuit
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com