Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 13Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 14Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 15Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 16Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 17Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 18Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 19Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 20Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
Table 7-1. Boost Frequency Selection
R_BST_FSET (kΩ)
BOOST FREQUENCY (kHz)
3.92
400
4.75
200
5.76
303
7.87
100
11
500
17.8
1818
42.2
2000
124
2222
7.3.6.1 Boost Cycle-by-Cycle Current Limit
The voltage between ISNS and ISNSGND is used for both boost DC/DC controller's current sensing and cycle-
by-cycle current limit settings. When the cycle-by-cycle current limit is reached, the controller will turn off the
switching MOSFET immediately and turn on it again in next siwtching cycle. This cycle-by-cycle current limit
could be used as a common protection for all related DC/DC components (inductor, schottky diode and switching
MOSFET) to avoid current running over their max limit. Cycle-by-Cycle current limit won't trigger any faults of the
device.
CYCLE _ LIMIT
ISNS
SENSE
V
I
=
R
(1)
where
• VISNS = 200 mV
7.3.6.2 Controller Min On/Off Time
The device boost DC/DC controller has minimum on/off time as below table. Minimum off time should be
specially taken care in system design. The SW node rising time plus falling time should be higher than minimum
off time to avoid controller not turning off the MOSFET.
Table 7-2. Controller Minimum On/Off Time
Frequency (kHz)
Minimum Switch OFF Time (ns)
Minimum Switch ON Time (ns)
100 to 500
150
150
1818 to 2222
40
110
7.3.6.3 Boost Adaptive Voltage Control
The LP8866S-Q1 boost DC/DC converter generates the anode voltage for the LEDs. During normal operation,
boost output voltage is adjusted automatically based on the LED current sink headroom voltages. This is called
adaptive boost control. The number of used LED outputs is set by LED_SET pin and only the active LED outputs
are monitored to control the adaptive boost voltage. Any LED strings with open or short faults are also removed
from the adaptive voltage control loop. The LED driver pin voltages are periodically monitored by the control loop
and the boost voltage is raised if any of the LED outputs falls below the VHEADROOM threshold. The boost voltage
is lowered until any of the LED outputs touch the VHEADROOM threshold. See Figure 7-4 for how the boost voltage
automatically scales based on the OUTx-pin voltage, VHEADROOM and VHEADROOM_HYS.
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com