Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 9Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 10Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 11Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 12Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 13Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 14Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 15Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 16Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
7 Detailed Description
7.1 Overview
The LP8866S-Q1 device is a high-voltage LED driver for automotive infotainment, clusters, HUD and other
automotive display LED backlight applications. PWM input is used for brightness control by default. Alternatively,
the brightness can also be controlled by I2C Interface.
The boost frequency, LED PWM frequency, and LED string current are configured with external resistors through
the BST_FSET, PWM_FSET, and ISET pins. The INT pin is used to report faults to the system. Fault interrupt
status can be cleared with the I2C interface, or is cleared on the falling edge of the EN pin.
The LP8866S-Q1 supports pure PWM dimming. The six LED current drivers provide up to 150 mA per output
and can be tied together to support higher current LEDs. The maximum output current of the LED drivers is set
with the ISET resistor and can be optionally scaled by the LEDx_CURRENT[11:0] register bits with I2C interface.
The LED output PWM frequency is set with a PWM_FSET resistor. The number of connected LED strings is
configured by the LED_SET resistor, and the device automatically selects the corresponding phase shift mode.
For example, if the device is set to 4-strings mode, each LED output is phase shifted by 90 degrees with each
other(= 360 / 4). Unused outputs, which must be connected to GND, will be disabled and excluded from adaptive
voltage and won't generate any LED faults.
A resistor divider connected from VOUT to the FB pin sets the maximum voltage of the boost. For best efficiency,
the boost voltage is adapted automatically to the minimum necessary level needed to drive the LED strings by
monitoring all the LED output voltages continuously. The switching frequency of the boost regulator can be set
between 100 kHz and 2.2 MHz by the BST_FSET resistor. The boost has a start-up feature that reduces the
peak current from the power-line during start-up. The LP8866S-Q1 can also control a power-line FET to reduce
battery leakage when disabled and provide isolation and protection in the event of a fault.
Fault detection features of LP8866S-Q1 include:
• Open-string and shorted LED detection
– LED fault detection prevents system overheating in case of open or short in some of the LED strings
• LED short-to-ground detection
• ISET/BST_FSET/PWM_FSET/LED_SET/MODE resistor out-of-range detection
• Boost overcurrent
• Boost overvoltage
• Device undervoltage protection (VDD UVLO)
– Threshold sensing from VDD pin
• VIN input overvoltage protection (VIN OVP)
– Threshold sensing from VSENSE_P pin
• VIN input undervoltage protection (VIN UVLO)
– Threshold sensing from UVLO pin
• VIN input overcurrent protection (VIN OCP)
– Threshold sensing across voltage between VSENSE_P pin and VSENSE_N pin
• Thermal shutdown in case of die overtemperature
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com