Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 8Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 9Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 10Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 11Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 12Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 13Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 14Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 15Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
6.8 Typical Characteristics
Unless otherwise specified: CIN = COUT = 2 × 10-μF ceramic and 2 × 33-μF electrolytic, VDD = 3.3 V, charge
pump enabled, TA = 25°C
Brightness (%)
0
10
20
30
40
50
60
70
80
90
100
75
80
85
90
95
100
D001
VIN = 9 V
VIN = 12 V
VIN = 16 V
VIN = 24 V
ƒSW = 303 kHz
8 LEDs/string
150 mA/string
L1 = 22 µH
6 strings
Figure 6-2. Boost Efficiency
Brightness (%)
0
10
20
30
40
50
60
70
80
90
100
60
65
70
75
80
85
90
95
100
D002
VIN = 9 V
VIN = 12 V
VIN = 16 V
VIN = 24 V
ƒSW = 2.2 MHz
8 LEDs/string
150 mA/string
L1 = 10 µH
6 strings
Figure 6-3. Boost Efficiency
Brightness (%)
0
10
20
30
40
50
60
70
80
90
100
55
60
65
70
75
80
85
90
D003
VIN = 6 V
VIN = 12 V
VIN = 17 V
ƒSW = 303 kHz
2 LEDs/string
150 mA/string
L1 = 10 µH, L2 = 15 µH
6 strings
Figure 6-4. SEPIC Efficiency
Brightness (%)
0
10
20
30
40
50
60
70
80
90
100
50
55
60
65
70
75
80
85
D004
VIN = 6 V
VIN = 12 V
VIN = 17 V
ƒSW = 2.2 MHz
2 LEDs/string
150 mA/string
L1 = L2 = 4.7 µH
6 strings
Figure 6-5. SEPIC Efficiency
Brightness Code
0
8192 16384 24576 32768 40960 49152 57344 65536
0
30
60
90
120
150
D005
15 mA
25 mA
50 mA
80 mA
120 mA
150 mA
Figure 6-6. Current Linearity
Brightness Code
0
8192 16384 24576 32768 40960 49152 57344 65536
0.0
0.5
1.0
1.5
2.0
2.5
D006
Figure 6-7. Current Matching
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com