Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 7Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 8Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 9Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 10Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 11Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 12Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 13Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 14Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
Limits apply over the full operation temperature range –40°C ≤ TA ≤ +125°C , unless otherwise speicified. VIN = 12 V, VDD =
5 V, VEN = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VENIL
EN logic low threshold
0.4
V
VENIH
EN logic high threshold
1.2
V
RENPD
EN pin internal pull down resistance
1
LOGIC INPUT SDA, SCL, BST_SYNC and PWM
VIL
Logic low threshold
VDD = 3.3 V and 5 V
0.4
V
VIH
Logic high threshold
VDD = 3.3 V and 5 V
1.2
V
LOGIC OUTPUT SDA, INT
VOL
Output level low
I = 3 mA
0.2
0.4
V
ILEAKAGE Output leakage current
V = 3.3 V
1
µA
6.7 Timing Requirements for I2C Interface
Limits apply over the full operation temperature range –40°C ≤ TA ≤ +125°C , unless otherwise speicified. VIN = 12 V, VDD =
5 V, VEN = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCLK
Clock frequency
400
kHz
1
Hold time (repeated) START condition
0.6
µs
2
Clock low time
1.3
µs
3
Clock high time
600
ns
4
Set-up time for a repeated START condition
600
ns
5
Data hold time
50
ns
6
Data setup time
100
ns
7
Rise time of SDA and SCL
300
ns
8
Fall time of SDA and SCL
300
ns
9
Set-up time for STOP condition
600
ns
10
Bus free time between a STOP and a START condition
1.3
µs
8
1
7
6
8
3
2
5
4
1
SCL
SDA
9
7
10
Figure 6-1. I2C Timing Diagram
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com