Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LP8866S-Q1_V01 Datasheet HTML 1Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 2Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 3Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 4Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 5Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 6Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 7Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 8Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1:
–40°C to +125°C, TA
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Input voltage operating range 3 V to 48 V
• Six high-precision current sinks
– Up to 150-mA DC current for each current sink
– Current matching 1% (typical)
– Dimming ratio 32 000:1 using 152-Hz LED
output PWM frequency
– Up to 16-bit LED dimming resolution with I2C,
or PWM input
– 8 Configurable LED strings configuration
• Auto-phase shift PWM dimming
• 12-bit analog dimming
• Up to 48-V VOUT boost or SEPIC DC/DC controller
– Switching frequency 100 kHz to 2.2 MHz
– Boost spread spectrum for reduced EMI
– Boost sync input to set boost switching
frequency from an external clock
– Output voltage automatically discharged when
boost is disabled
• Extensive fault diagnostics
2 Applications
• Backlight for:
– Automotive infotainment
– Automotive instrument clusters
– Smart mirrors
– Heads-up displays (HUD)
3 Description
The LP8866S-Q1 is an automotive high-efficiency
LED driver with boost controller. The Six high-
precision current sinks support phase shifting that is
automatically adjusted based on the number of
channels in use. LED brightness can be controlled
globally through the I²C interface or PWM input.
The boost controller has adaptive output voltage
control based on the headroom voltages of the LED
current sinks. This feature minimizes the power
consumption by adjusting the boost voltage to the
lowest sufficient level in all conditions. A wide-range
adjustable frequency allows the LP8866S-Q1 to avoid
disturbance for AM radio band.
The LP8866S-Q1 supports built-in hybrid PWM
dimming and analog current dimming, which reduces
EMI, extends the LED lifetime, and increases the total
optical efficiency.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
LP8866S-Q1
HTSSOP (38)
9.70 mm × 4.40 mm
QFN (32)(2)
5 mm × 5 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Product preview.
L
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
FB
VDD
LP8866(S)-Q1
ISNSGND
PWM
VIN
EN
BST_FSET
COUT
ISNS
GD
PWM_FSET
LED_SET
BST_SYNC
CIN
SGND
SCL
SDA
INT
ISET
SD
MODE
LED_GND
PGND
VOUT
VSENSE_N
VSENSE_P
RISENSE
C1N
C1P
CPUMP
UVLO
DISCHARGE
VDD
HOST
I2C
VDD
CVDD
C2x
CPUMP
RG
RSENSE
RFB1
RFB2
RFB3
RISET
RUVLO1
RUVLO2
RSD
RMODE
RBST_FSET
RPWM_FSET
RLED_SET
Simplified Schematic
Brightness (%)
0
10
20
30
40
50
60
70
80
90
100
75
80
85
90
95
D007
VOUT = 29 V
VOUT = 36 V
VOUT = 42 V
VOUT = 46 V
System Efficiency
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: LP8866S-Q1
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com