Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 70 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 70 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 66Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 67Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 68Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 69Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 70Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 71Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 72Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 73Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
10 Layout
10.1 Layout Guidelines
Figure 10-1 shows a layout recommendation for the LP8866S-Q1 used to illustrate the principles of good layout.
This layout can be adapted to the actual application layout if and where possible. It is important that all boost
components are close to each other and to the chip; the high-current traces must be wide enough. VDD must be
as noise-free as possible. Place a VDD bypass capacitor near the VDD and GND pins. A charge-pump capacitor,
boost input capacitors, and boost output capacitors must have closest VIAs to GND. Place the charge-pump
capacitors close to the device. The main points to guide the PCB layout design:
• Current loops need to be minimized:
– For low frequency the minimal current loop can be achieved by placing the boost components as close as
possible to each other. Input and output capacitor grounds need to be close to each other to minimize
current loop size.
– Minimal current loops for high frequencies can be achieved by making sure that the ground plane is intact
under the current traces. High frequency return currents follow the route with minimum impedance, which
is the route with minimum loop area, not necessarily the shortest path. Minimum loop area is formed when
return current flows just under the positive current route in the ground plane, if the ground plane is intact
under the route.
– For high frequency the copper area capacitance must be taken into account. For example, the copper
area for the drain of boost N-MOSFET is a tradeoff between capacitance and the cooling capacity of the
components.
• GND plane must be intact under the high-current-boost traces to provide shortest possible return path and
smallest possible current loops for high frequencies.
• Route boost output voltage (VOUT) to LEDs, FB pin & Discharge pin after output capacitors not straight from
the diode cathode.
• FB network should be placed as close as possible to the FB pin, not near boost output
• A small bypass capacitor (TI recommends a 39-pF capacitor) could be placed close to the FB pin and GND to
suppress high frequency noise
• VDD line must be separated from the high current supply path to the boost converter to prevent high
frequency ripple affecting the chip behavior.
• Capacitor connected to charge pump output CPUMP is recommended to have 10-µF capacitance. This
capacitor must be as close as possible to CPUMP pin. This capacitor provides a greater peak current for gate
driver and must be used even if the charge pump is disabled. If the charge pump is disabled, the VDD and
CPUMP pins must be tied together.
• Input and output capacitors need low-impedance grounding (wide traces with many vias to GND plane).
• Input/output ceramic capacitors have DC-bias effect. If the output capacitance is too low, it can cause boost
to become unstable under certain load conditions. DC bias characteristics should be obtained from the
component manufacturer; DC bias is not taken into account on component tolerance.
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
70
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com