Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 69 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 69 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 65Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 66Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 67Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 68Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 69Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 70Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 71Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 72Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
Table 8-7. Recommended Components for SEPIC Design Example
REFERENCE DESIGNATOR
DESCRIPTION
NOTE
RISENSE
20 mΩ, 1 W
Input current sensing resistor
RSD
20 kΩ, 0.1 W
Power-line FET gate pullup resistor
RSENSE
50 mΩ, 1 W
Boost current sensing resistor
RG
15 Ω, 0.1 W
Gate resistor to control the rising/falling time
of nMOSFET for EMC
RUVLO1
76.8 kΩ, 0.1 W
These UVLO resistor settings set the
VIN_UVLO rising voltage at 3.75 V,
VIN_UVLO falling voltage at 3.35 V
RUVLO2
20.5 kΩ, 0.1 W
RFB2
60 kΩ, 0.1 W
Bottom feedback divider resistor
RFB1
330 kΩ, 0.1 W
Top feedback divider resistor
RBST_FSET
124 kΩ, 0.1 W
Boost frequency set resistor (2200 kHz)
RISET
38.7 kΩ, 0.1 W
Current set resistor (80 mA per channel)
RPWM_FSET
4.75 kΩ, 0.1 W
Output PWM frequency set resistor (305-Hz
PWM frequency)
RMODE
3.92 kΩ, 0.1 W
Mode resistor (Phase-Shift PWM mode with
0x2B I2C address)
RLED_SET
4.75 kΩ, 0.1 W
LED_SET resistor (5 channels configuration)
CPUMP
10-µF, 10-V ceramic
Charge-pump output capacitor
C2X
2.2-µF, 10-V ceramic
Flying capacitor
CVDD
4.7-µF + 0.1-µF, 10-V ceramic
VDD bypass capacitor
CIN
1 × 33-µF, 50-V electrolytic + 1 × 10-µF, 50-V ceramic
Boost input capacitor
COUT
1 × 33-µF, 50-V electrolytic + 1 × 10-µF, 50-V ceramic
Boost output capacitor
CS1
10-µF, 50-V ceramic
SEPIC coupling capacitor
CS2
33-µF, 50-V electrolytic
SEPIC coupling capacitor
RS
2 Ω, 0.125 W
SEPIC resistor
L1
4.7-µH saturation current 3 A
SEPIC inductor
L2
4.7-µH saturation current 3 A
SEPIC inductor
D1
50-V 10-A Schottky diode
SEPIC Schottky diode
Q1
60-V, 25-A nMOSFET
SEPIC nMOSFET
Q2
60-V, 30-A pMOSFET
Power-line FET
8.2.3.3 Application Curves
See Application Curves.
9 Power Supply Recommendations
The LP8866S-Q1 is designed to operate from a car battery. The VIN input must be protected from reverse
voltage and voltage dump condition over 48 V. The impedance of the input supply rail must be low enough that
the input current transient does not cause drop below VIN UVLO level. If the input supply is connected with long
wires, additional bulk capacitance may be required in addition to normal input capacitor.
The voltage range for VDD is 3 V to 5.5 V. A ceramic capacitor must be placed as close as possible to the VDD
pin. The boost gate driver is powered from the CPUMP pins. A ceramic capacitor must be placed as close to the
CPUMP pins as possible.
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com