Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 67 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 67 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 63Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 64Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 65Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 66Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 67Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 68Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 69Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 70Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
also recommended to be 25% higher than peak current, which can be calculated with Equation 28. RDSON must
be as low as possible — less than 20 mΩ is recommended. Thermal resistance (RθJA) must also be low to
dissipate heat from power loss on switching FET. Typical rise/fall time values recommended are less than 10 ns.
Q1(peak)
L1(peak)
L2(peak)
I
= I
I
(28)
where
• IQ1(peak): Peak current for switching FET
• IL1(peak): Peak current for inductor 1
• IIL2(peak): : Peak current for inductor 2 BOOST_OCP
8.2.3.2.8 Output Diode
A Schottky diode must be used for the SEPIC output diode. Current rating must be at least 25% higher than the
maximum current, which is the same as switch peak current. Schottky diodes with a low forward drop and fast
switching speeds are ideal for increasing efficiency. At maximum current, the forward voltage must be as low as
possible; TI recommends less than 0.5 V. Reverse breakdown voltage of the Schottky diode must be able to
withstand VIN(max) + VOUT(max); at least 25% higher voltage rating is recommended. Do not use ordinary rectifier
diodes, because slow switching speeds and long recovery times cause efficiency and load regulation to suffer.
8.2.3.2.9 Switching Sense Resistor
See Detailed Design Procedure.
8.2.3.2.10 Power-Line FET
See Detailed Design Procedure.
8.2.3.2.11 Input Current Sense Resistor
See Detailed Design Procedure.
8.2.3.2.12 Feedback Resistor Divider
Feedback resistors RFB1 and RFB2 determine the maximum boost output level. Output voltage can be calculated
as follows:
BG
OUT _ MAX
SEL_MAX
FB1
BG
FB2
V
V
=
+ I
R
+ V
R
·
§
u
¸
¨
©
¹
(29)
where
• VBG = 1.21 V
• ISEL_MAX = 38.7 µA
• RFB1 / RFB2 normal recommended range is 5~15 (recommended for SEPIC Mode)
8.2.3.2.13 Critical Components for Design
Figure 8-7 shows the critical part of circuitry: SEPIC components, the LP8866S-Q1 internal charge pump for
gate-driver powering, and powering/grounding of LP8866S-Q1. Schematic example is shown below.
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com