Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 66 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 66 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 62Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 63Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 64Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 65Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 66Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 67Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 68Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 69Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
• VD: Diode forward voltage drop
• VIN(min): Minimum input voltage
L2(peak)
OUT
40%
I
= I
1 +
2
·
§
u ¨
¸
©
¹
(25)
where
• IL2(peak): Peak current for inductor 2
• IOUT: Maximum output current
OUT
L
IN
OUT
IN(min)
V
I = I
40% = I
40%
V
'
u
u
u
(26)
where
• ΔIL: Inductor ripple current
• IIN: Input current
• VOUT: Output voltage
• VIN(min): Minimum input voltage
8.2.3.2.2 Coupling Capacitor Selection
The coupling capacitors Cs isolate the input from the output and provide protection against a shorted load. The
selection of SEPIC capacitors, Cs, depends mostly on the RMS current, which can be calculated with Equation
27. The capacitors must be rated for a large RMS current relative to the output power; TI recommends at least
25% higher rating for IRMS. When using uncoupled inductors, use one 10-µF ceramic capacitor in parallel with
one 33-µF electrolytic capacitor and series 2-Ω resistor. If coupled inductors are used, then use only one 10-µF
ceramic capacitor.
OUT
D
Cs(rms)
OUT
IN(min)
V
V
I
= I
V
u
(27)
where
• ICs(rms): RMS current of Cs capacitor
• IOUT: Output current
• VOUT: Output voltage
• VD: Diode forward voltage drop
• VIN(min): Minimum input voltage
8.2.3.2.3 Output Capacitor Selection
See Detailed Design Procedure.
8.2.3.2.4 Input Capacitor Selection
See Detailed Design Procedure.
8.2.3.2.5 Charge Pump Output Capacitor
See Detailed Design Procedure.
8.2.3.2.6 Charge Pump Flying Capacitor
See Detailed Design Procedure.
8.2.3.2.7 Switching FET
Gate-drive voltage for the FET is 5V. Use an N-type MOSFET for the switching FET. The switching FET for
SEPIC mode sees a maximum voltage of VIN(max) + VOUT, 25% higher rating is recommended. Current rating is
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
66
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com