Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 61 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 61 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 57Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 58Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 59Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 60Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 61Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 62Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 63Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 64Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
Table 8-3. Recommended Component Values for Full Feature Design Example
REFERENCE DESIGNATOR
DESCRIPTION
NOTE
RISENSE
20 mΩ, 3 W
Input current sensing resistor
RSD
20 kΩ, 0.1 W
Power-line FET gate pullup resistor
RSENSE
30 mΩ, 3 W
Boost current sensing resistor
RG
15 Ω, 0.1 W
Gate resistor to control the rising/falling time
of nMOSFET for EMC
RUVLO1
76.8 kΩ, 0.1 W
These UVLO resistor settings set the
VIN_UVLO rising voltage at 3.75 V,
VIN_UVLO falling voltage at 3.35 V
RUVLO2
20.5 kΩ, 0.1 W
RFB3
0 Ω, 0.1 W
Not needed unless 100-kΩ restrictions on
resistors
RFB2
100 kΩ, 0.1 W
Bottom feedback divider resistor
RFB1
910 kΩ, 0.1 W
Top feedback divider resistor
RBST_FSET
3.92 kΩ, 0.1 W
Boost frequency set resistor (400 kHz)
RISET
20.8 kΩ, 0.1 W
Current set resistor (150 mA per channel)
RPWM_FSET
17.8 kΩ, 0.1 W
Output PWM frequency set resistor (4.88kHz
PWM frequency to avoid audible noise)
RMODE
3.92 kΩ, 0.1 W
Mode resistor (Phase-Shift PWM mode with
0x2B I2C address)
RLED_SET
3.92 kΩ, 0.1 W
LED_SET resistor (6channels configuration)
CPUMP
10-µF, 10-V ceramic
Charge-pump output capacitor
C2X
2.2-µF, 10-V ceramic
Flying capacitor
CVDD
4.7-µF + 0.1-µF, 10-V ceramic
VDD bypass capacitor
CIN
1 × 33-µF, 50-V electrolytic + 1 × 10-µF, 50-V ceramic
Boost input capacitor
COUT
1 × 33-µF, 50-V electrolytic + 1 × 10-µF, 50-V ceramic
Boost output capacitor
L1
22-μH saturation current 6.5 A
Boost inductor
D1
50 V, 6.5-A Schottky diode
Boost Schottky diode
Q1
60-V, 15-A nMOSFET
Boost nMOSFET
Q2
60-V, 15-A pMOSFET
Power-line FET
8.2.1.3 Application Curves
FLED_PWM = 305 Hz
Phase Shift 60°
6 Strings
Figure 8-3. LED String Currents Showing Phase
Shift PWM Operation
ƒSW = 400 kHz
150 mA/String
CIN = COUT = 1 × 33 μF (electrolytic) + 1 × 10 μF (ceramic)
Figure 8-4. Typical Start-Up
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com