Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 58 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 58 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 54Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 55Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 56Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 57Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 58Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 59Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 60Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 61Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
• VIN(min): Minimum input voltage
• ƒSW: Minimum switching frequency of the converter
• L: Inductance
• VOUT: Output voltage
• η: Efficiency of boost converter
8.2.1.2.2 Output Capacitor Selection
Recommended voltage rating for output capacitors is 50% higher than maximum output voltage level.
Capacitance value determines voltage ripple and boost stability. The DC-bias effect can reduce the effective
capacitance significantly, by up to 80%, a consideration for capacitance value selection. The conservative target
effective capacitance is 50 µF to achieve good phase and gain margin levels. A design table in product webpage
could be refered for the target effective capacitance in a certain application. TI recommends using 33-µF Al-
polymer electrolytic capacitor together with 10-µF ceramic capacitors in parallel to reduce ripple, increase
stability, and reduce ESR effect.
8.2.1.2.3 Input Capacitor Selection
Recommended input capacitance is the same as output capacitance although input capacitors are not as critical
to boost operation. Input capacitance can be reduced but must ensure enough filtering for input power.
8.2.1.2.4 Charge Pump Output Capacitor
TI recommends a ceramic capacitor with at least 10-V voltage rating for the output capacitor of the charge pump.
A 10-μF capacitor can be used for most applications.
8.2.1.2.5 Charge Pump Flying Capacitor
TI recommends a ceramic capacitor with at least 10-V voltage rating for the flying capacitor of the charge pump.
One 2.2-μF capacitor connecting C1P and C1N pins can be used for most applications.
8.2.1.2.6 Output Diode
A Schottky diode must be used for the boost output diode. Current rating must be at least 25% higher than the
maximum output current. Schottky diodes with a low forward drop and fast switching speeds are ideal for
increasing efficiency. At maximum current, the forward voltage must be as low as possible; less than 0.5 V is
recommended. Reverse breakdown voltage of the Schottky diode must be significantly larger than the output
voltage, 25% higher voltage rating is recommended. Do not use ordinary rectifier diodes, because slow switching
speeds and long recovery times cause efficiency and load regulation to suffer.
8.2.1.2.7 Switching FET
Gate-drive voltage for the FET is 5V. Switching FET is a critical component for determining power efficiency of
the boost converter. Several aspects need to be considered when selecting switching FET such as voltage and
current rating, RDSON, power dissipation, thermal resistance and rise/fall times. An N type MOSFET with at least
25% higher voltage rating than maximum output voltage must be used. Current rating of switching FET should
be same or higher than inductor rating. RDSON must be as low as possible, less than 20 mΩ is recommended.
Thermal resistance (RθJA) must also be low to dissipate heat from power loss on switching FET. In most cases, a
resistance is recommended between GD pin and Switching FET's gate terminal. It could be used to control the
rising/falling time of the switching FET. This gate resistance could offer the flexibility of balancing between EMC
performance and efficiency.
8.2.1.2.8 Boost Sense Resistor
The RSENSE resistor determines the boost overcurrent limit and is sensed every boost switching cycle. A high-
power 20-mΩ resistor can be used for sensing the boost SW current and setting maximum current limit at 10 A
(typical). RSENSE can be increased to lower this limit and can be calculated with Equation 22. In typical condition,
to avoid too much efficiency loss on RSENSE resistor, boost overcurrent limit is recommended to be set above 4A,
therefore RSENSE doesn't exceed 50 mΩ. Power rating can be calculated from the inductor current and sense
resistor resistance value.
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
58
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com