Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 57 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 57 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 53Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 54Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 55Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 56Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 57Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 58Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 59Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 60Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
Table 8-1. LP8866S-Q1 Full-Feature Design Parameters (continued)
DESIGN PARAMETER
VALUE
VDD voltage
3.3 V
LED strings configuration
6 strings, 7 LEDs in series
Charge pump
Enabled
Brightness control
I2C
Output configuration
OUT1 to OUT6 are in phase shift mode (60°)
LED string current
150 mA
Boost frequency
400 kHz
Inductor
22 µH at 6.5-A saturation current
RISENSE
20 mΩ
Power-line FET
Enabled
RSENSE
30 mΩ
Input/Output capacitors
CIN and COUT: 1 × 33-µF electrolytic + 1 × 10-µF ceramic
Spread spectrum
Enabled
Discharge function
Enabled
8.2.1.2 Detailed Design Procedure
8.2.1.2.1 Inductor Selection
There are a few things to consider when choosing an inductor: inductance, current rating, and DC resistance
(DCR). Table 8-2 shows recommended inductor values for each operating frequency. The LP8866S-Q1 device
automatically sets internal boost compensation controls depending on the selected switching frequency.
Table 8-2. Inductance Values for Boost Switching Frequencies
SW FREQUENCY (kHz)
INDUCTANCE (µH)
100
47
200
33
303
22
400
22
500
22
1818
10
2000
10
2222
10
The current rating of inductor must be at least 25% higher than maximum boost switching current ISW(max), which
can be calculated with Equation 21. TI recommends to use an inductor with low DCR to achieve good efficiency.
Efficiency varies with load condition, switching frequency, and components. 80% can be used as a typical
estimation. 65% efficiency needs to take into account in extreme condition.
OUT(max)
L
SW(max)
I
I
I
+
2
1 - D
'
(21)
where
• ΔIL = VIN(min) × D / ƒSW × L
• D = 1 – VIN(min) × η / VOUT
• ISW(max): Maximum switching current
• ΔIL: Inductor ripple current
• IOUT(max): Maximum output current
• D: Boost duty cycle
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com