Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 56 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 56 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 52Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 53Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 54Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 55Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 56Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 57Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 58Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 59Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LP8866S-Q1 device is designed for automotive applications, and an input voltage VIN is intended to be
connected to the vehicle battery. Depending on the input voltage, the device may be used in either boost mode
or SEPIC mode. The device is internally powered from the VDD pin, and voltage must be in 2.7-V to 5.5-V
range. The device has flexible configurability through external components or by an I2C interface. If the VDD
voltage is not high enough to drive an external nMOSFET gate, an internal charge pump must be used to power
the gate driver (GD pin).
8.2 Typical Applications
8.2.1 Full Feature Application for Display Backlight
Figure 8-1 shows a full application for the LP8866S-Q1 device in a boost topology. It supports 6 LED strings in
display mode, each at 150 mA, with an automatic 60° phase shift. Brightness control register is used for LED
dimming method through I2C communication. The charge pump is enabled for a 400-kHz boost switching
frequency with spread spectrum.
L
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
FB
VDD
LP8866(S)-Q1
ISNSGND
PWM
VIN
EN
BST_FSET
COUT
ISNS
GD
PWM_FSET
LED_SET
BST_SYNC
CIN
SGND
SCL
SDA
INT
ISET
SD
MODE
LED_GND
PGND
VOUT
VSENSE_N
VSENSE_P
RISENSE
C1N
C1P
CPUMP
UVLO
DISCHARGE
VDD
HOST
I2C
VDD
CVDD
C2x
CPUMP
RG
RSENSE
RFB1
RFB2
RFB3
RISET
RUVLO1
RUVLO2
RSD
RMODE
RBST_FSET
RPWM_FSET
RLED_SET
Figure 8-1. Full Feature Application for Display Backlight
8.2.1.1 Design Requirements
This typical LED-driver application is designed to meet the parameters listed in Table 8-1:
Table 8-1. LP8866S-Q1 Full-Feature Design Parameters
DESIGN PARAMETER
VALUE
VIN voltage range
5 V to 20 V (Quiescent Voltage)
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
56
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com