Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 55 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 51Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 52Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 53Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 54Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 55Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 56Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 57Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 58Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
Figure 7-38. AUTO_DETECT_DIAGNOSTICS Register (continued)
RESERVED
AUTO_PWM_FREQ_SEL
RESERVED
AUTO_LED_STRING_CFG
R-0h
R-0h
R-0h
R-0h
7
6
5
4
3
2
1
0
RESERVED
AUTO_BOOST_FREQ_SEL
MODE_SEL
R-0h
R-0h
R-0h
Table 7-29. AUTO_DETECT_DIAGNOSTICS Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R
0h
This bit is reserved
14-12
AUTO_PWM_FREQ_SEL R
0h
LED PWM frequency value from PWM_SEL resistor detection
0h = 152 Hz
1h = 305 Hz
2h = 610 Hz
3h = 1221 Hz
4h = 2441 Hz
5h = 4883 Hz
6h = 9766 Hz
7h = 19531 Hz
11
RESERVED
R
0h
This bit is reserved
10-8
AUTO_LED_STRING_CF
G
R
0h
LED string configuration from LED_SET resistor detection
0h = 6 separate strings
1h = 5 separate strings
2h = 4 separate strings
3h = 3 separate strings
4h = 2 separate strings
5h = 6 channel outputs connected in 3 groups to drive 3 strings
6h = 6 channel outputs connected in 2 groups to drive 2 strings
7h = 6 channel outputs connected together to drive 1 string
7-6
RESERVED
R
0h
These bits are reserved
5-3
AUTO_BOOST_FREQ_S
EL
R
0h
Boost switching frequency value from PWM_FSET resistor detection
0h = 100 kHz
1h = 200 kHz
2h = 303 kHz
3h = 400 kHz
4h = 500 kHz
5h = 1818 kHz
6h = 2000 kHz
7h = 2222 kHz
2-0
MODE_SEL
R
0h
LED dimming MODE value from MODE detection
0h = PWM mode, I2C address 0x2B
1h = 12.5% hybrid dimming mode, I2C address 0x2B
2h = Constant current mode, I2C address 0x2B
3h = Direct PWM, I2C address 0x2B
4h = PWM mode, I2C address 0x2A
5h = 12.5% hybrid dimming mode, I2C address 0x2A
6h = Constant current mode, I2C address 0x2A
7h = Direct PWM, I2C address 0x2A
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com