Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 53 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 49Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 50Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 51Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 52Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 53Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 54Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 55Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 56Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
7.6.1.11 FSM_DIAGNOSTICS Register (Offset = 14h) [reset = 0h]
FSM_DIAGNOSTICS is shown in Figure 7-33 and described in Table 7-24.
Return to Summary Table.
Figure 7-33. FSM_DIAGNOSTICS Register
15
14
13
12
11
10
9
8
RESERVED
R-0h
7
6
5
4
3
2
1
0
RESERVED
FSM_LIVE_STATUS
R-0h
R-0h
Table 7-24. FSM_DIAGNOSTICS Register Field Descriptions
Bit
Field
Type
Reset
Description
15-5
RESERVED
R
0h
These bits are reserved
4-0
FSM_LIVE_STATUS
R
0h
Current state of the functional state machine
0h = DISABLED
1h = LDO_STARTUP
2h = OTP_READ
3h = STANDBY
4h-Fh = BOOST_STARTUP
10h = NORMAL
11h = SHUTDOWN
12h = FAULT_RECOVERY
13h = ALL_LED_FAULT
7.6.1.12 PWM_INPUT_DIAGNOSTICS Register (Offset = 16h) [reset = 0h]
PWM_INPUT_DIAGNOSTICS is shown in Figure 7-34 and described in Table 7-25.
Return to Summary Table.
Figure 7-34. PWM_INPUT_DIAGNOSTICS Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PWM_INPUT_STATUS
R-0h
Table 7-25. PWM_INPUT_DIAGNOSTICS Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
PWM_INPUT_STATUS
R
0h
16-bit value for detected duty cycle of PWM input signal.
7.6.1.13 PWM_OUTPUT_DIAGNOSTICS Register (Offset = 18h) [reset = 0h]
PWM_OUTPUT_DIAGNOSTICS is shown in Figure 7-35 and described in Table 7-26.
Return to Summary Table.
Figure 7-35. PWM_OUTPUT_DIAGNOSTICS Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PWM_OUTPUT_STATUS
R-0h
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com