Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 50 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 50 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 46Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 47Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 48Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 49Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 50Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 51Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 52Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 53Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
Table 7-21. SUPPLY_STATUS Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
10
CP_CLEAR
R/W
0h
Charge pump fault clear
Write "1" to both Status bit and Clear bit at the same time to clear
interrupt register status and interrupt pin status
9
CPCAP_STATUS
R/W
0h
Missing charge pump fault status
0h = No fault
1h = Fault
8
CPCAP_CLEAR
R/W
0h
Missing charge pump fault clear
Write "1" to both Status bit and Clear bit at the same time to clear
interrupt register status and interrupt pin status
7
VINOCP_STATUS
R/W
0h
VIN over-current fault status
0h = No fault
1h = Fault
6
VINOCP_CLEAR
R/W
0h
VIN over-current fault clear
Write "1" to both Status bit and Clear bit at the same time to clear
interrupt register status and interrupt pin status
5
VDDUVLO_STATUS
R/W
0h
VDD under-voltage fault status
0h = No fault
1h = Fault
4
VDDUVLO_CLEAR
R/W
0h
VDD under-voltage fault clear
Write "1" to both Status bit and Clear bit at the same time to clear
interrupt register status and interrupt pin status
3
VINOVP_STATUS
R/W
0h
VIN over-voltage fault status
0h = No fault
1h = Fault
2
VINOVP_CLEAR
R/W
0h
VIN over-voltage fault clear
Write "1" to both Status bit and Clear bit at the same time to clear
interrupt register status and interrupt pin status
1
VINUVLO_STATUS
R/W
0h
VIN under-voltage fault status
0h = No fault
1h = Fault
0
VINUVLO_CLEAR
R/W
0h
VIN under-voltage fault clear
Write "1" to both Status bit and Clear bit at the same time to clear
interrupt register status and interrupt pin status
7.6.1.9 BOOST_STATUS Register (Offset = 10h) [reset = 0h]
BOOST_STATUS is shown in Figure 7-31 and described in Table 7-22.
Return to Summary Table.
Figure 7-31. BOOST_STATUS Register
15
14
13
12
11
10
9
8
TSD_STATUS
TSD_CLEAR
ISET_STATUS
ISET_CLEAR
LEDSET_STAT
US
LEDSET_CLEA
R
MODESEL_ST
ATUS
MODESEL_CL
EAR
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
FSET_STATUS FSET_CLEAR BSTOCP_STAT
US
BSTOCP_CLE
AR
BSTOVPH_STA
TUS
BSTOVPH_CL
EAR
BSTOVPL_STA
TUS
BSTOVPL_CLE
AR
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 7-22. BOOST_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
15
TSD_STATUS
R/W
0h
Thermal shutdown fault status
0h = No fault
1h = Fault
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
50
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com