Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  LP8866S-Q1_V01 Datasheet HTML 1Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 2Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 3Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 4Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 5Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 6Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 7Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 8Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
Table 5-1. HTTSOP Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VDD
Power
Power supply input for internal analog and digital circuit. Connect a 10-uF capacitor between
the VDD pin to GND.
2
EN
Analog
Enable input.
3
C1N
Analog
Negative input for charge pump flying capacitor. If feature not used leave this pin floating.
4
C1P
Analog
Positive input for charge pump flying capacitor. If feature not used leave this pin floating.
5
CPUMP
Power
Charge pump output pin. Connect to VDD if charge pump is not used. A 4.7 µF decoupling
capacitor is recommended on CPUMP pin.
6
CPUMP
Power
Charge pump output pin. Always connects with pin 5.
7
GD
Analog
Gate driver output for external N-FET.
8
PGND
GND
Power ground.
9
PGND
GND
Power ground.
10
ISNS
Analog
Boost current sense pin.
11
ISNSGND
GND
Current sense resistor GND.
12
ISET
Analog
LED full-scale current setup through external resistor.
13
FB
Analog
Boost feedback input.
14
NC
N/A
No connect - Leave floating.
15
DISCHARGE
Analog
Boost output voltage discharge pin. Connect to Boost output.
16
NC
N/A
No connect - Leave floating.
17
OUT6
Analog
LED current sink output. If unused tie to ground..
18
OUT5
Analog
LED current sink output. If unused tie to ground..
19
OUT4
Analog
LED current sink output. If unused tie to ground.
20
OUT3
Analog
LED current sink output. If unused tie to ground.
21
OUT2
Analog
LED current sink output. If unused tie to ground.
22
OUT1
Analog
LED current sink output. If unused tie to ground.
23
NC
N/A
No connect - Leave floating.
24
INT
Analog
Device fault interrupt output, open drain. A 10-kΩ pullup resistor is recommended.
25
SDA
Analog
SDA for I2C interface. A 10-kΩ pullup resistor is recommended.
26
SCL
Analog
SCL for I2C interface. A 10-kΩ pullup resistor is recommended.
27
BST_SYNC
Analog
Input for synchronizing boost. When synchronization is not used, connect this pin to ground
to disable spread spectrum or to VDD to enable spread spectrum.
28
PWM
Analog
PWM input for brightness control. Tie to GND if unused.
29
SGND
GND
Signal ground.
30
LED_SET
Analog
LED string configuration through external resistor. Do not leave floating.
31
PWM_FSET
Analog
LED dimming frequency setup through external resistor. Do not leave floating.
32
BST_FSET
Analog
Boost switching frequency setup through external resistor. Do not leave floating.
33
MODE
Analog
Dimming mode setup through external resistor. Do not leave floating.
34
DGND
GND
Digital ground.
35
UVLO
Analog
Input voltage sense for programming input UVLO threshold through external resistor to VIN.
36
VSENSE_P
Analog
Pin for input voltage detection for OVP protection and positive input for input current sense.
37
VSENSE_N
Analog
Negative input for input current sense. If input current sense is not used, please tie to
VSENSE_P pin.
38
SD
Analog
Power line FET control. Open Drain output. If unused, leave this pin floating.
DAP
LED_GND
GND
LED ground connection.
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com