Electronic Components Datasheet Search |
|
LP8866S-Q1 Datasheet(PDF) 48 Page - Texas Instruments |
|
LP8866S-Q1 Datasheet(HTML) 48 Page - Texas Instruments |
48 / 82 page Table 7-19. BOOST_INT_EN Register Field Descriptions (continued) Bit Field Type Reset Description 9-8 MODE_INT_EN R/W 0h Missing MODE resistor interrupt enable Read: 0h = Interrupt is currently disabled 2h = Interrupt is currently enabled Write: 1h = Disable interrupt 3h = Enable interrupt 7-6 FSET_INT_EN R/W 0h Missing FSET resistor interrupt enable Read: 0h = Interrupt is currently disabled 2h = Interrupt is currently enabled Write: 1h = Disable interrupt 3h = Enable interrupt 5-4 BSTOCP_INT_EN R/W 2h Boost over-current interrupt enable Read: 0h = Interrupt is currently disabled 2h = Interrupt is currently enabled Write: 1h = Disable interrupt 3h = Enable interrupt 3-2 BSTOVPH_INT_EN R/W 2h Boost over-voltage high interrupt enable Read: 0h = Interrupt is currently disabled 2h = Interrupt is currently enabled Write: 1h = Disable interrupt 3h = Enable interrupt 1-0 Reserved R/W 0h These bits are reserved. 7.6.1.7 LED_INT_EN Register (Offset = 0Ch) [reset = AAh] LED_INT_EN is shown in Figure 7-29 and described in Table 7-20. Return to Summary Table. Figure 7-29. LED_INT_EN Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 GLOBAL_INT_EN I2C_ERROR_INT_EN INVSTRING_INT_EN VINUVP_INT_EN R/W-2h R/W-2h R/W-2h R/W-2h Table 7-20. LED_INT_EN Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h These bits are reserved. 7-6 GLOBAL_INT_EN R/W 2h Global interrupt enable Read: 0h = Interrupt is currently disabled 2h = Interrupt is currently enabled Write: 1h = Disable interrupt 3h = Enable interrupt LP8866S-Q1 SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021 www.ti.com 48 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: LP8866S-Q1 |
Similar Part No. - LP8866S-Q1_V01 |
|
Similar Description - LP8866S-Q1_V01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |