Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 46 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 42Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 43Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 44Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 45Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 46Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 47Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 48Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 49Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
Table 7-17. USER_CONFIG2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
LED3_SHORT_DISABLE
R/W
0h
Disable LED string3 internal short fault.
0h = Enable
1h = Disable
1
LED2_SHORT_DISABLE
R/W
0h
Disable LED string2 internal short fault.
0h = Enable
1h = Disable
0
LED1_SHORT_DISABLE
R/W
0h
Disable LED string1 internal short fault.
0h = Enable
1h = Disable
7.6.1.5 SUPPLY_INT_EN Register (Offset = 08h) [reset = 2AAAh]
SUPPLY_INT_EN is shown in Figure 7-27 and described in Table 7-18.
Return to Summary Table.
Figure 7-27. SUPPLY_INT_EN Register
15
14
13
12
11
10
9
8
RESERVED
BSTSYNC_INT_EN
CP_INT_EN
CPCAP_INT_EN
R/W-0h
R/W-2h
R/W-2h
R/W-2h
7
6
5
4
3
2
1
0
VINOCP_INT_EN
VDDUVLO_INT_EN
VINOVP_INT_EN
VINUVLO_INT_EN
R/W-2h
R/W-2h
R/W-2h
R/W-2h
Table 7-18. SUPPLY_INT_EN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-14
RESERVED
R/W
0h
These bits are reserved.
13-12
BSTSYNC_INT_EN
R/W
2h
Missing boost sync interrupt enable
Read:
0h = Interrupt is currently disabled
2h = Interrupt is currently enabled
Write:
1h = Disable interrupt
3h = Enable interrupt
11-10
CP_INT_EN
R/W
2h
Charge pump interrupt enable
Read:
0h = Interrupt is currently disabled
2h = Interrupt is currently enabled
Write:
1h = Disable interrupt
3h = Enable interrupt
9-8
CPCAP_INT_EN
R/W
2h
Charge pump cap missing interrupt enable
Read:
0h = Interrupt is currently disabled
2h = Interrupt is currently enabled
Write:
1h = Disable interrupt
3h = Enable interrupt
7-6
VINOCP_INT_EN
R/W
2h
VIN over-current interrupt enable
Read:
0h = Interrupt is currently disabled
2h = Interrupt is currently enabled
Write:
1h = Disable interrupt
3h = Enable interrupt
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
46
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com