Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 44 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 40Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 41Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 42Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 43Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 44Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 45Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 46Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 47Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
Table 7-14. BRT_CONTROL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
DISPLAY_BRT
R/W
0h
Display Brightness Register
7.6.1.2 LED_CURR_CONFIG Register (Offset = 02h) [reset = 0FFFh]
LED_CURR_CONFIG is shown in Figure 7-24 and described in Table 7-15.
Return to Summary Table.
Figure 7-24. LED_CURR_CONFIG Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
LED_CURRENT
R/W-0h
R/W-FFFh
Table 7-15. LED_CURR_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R/W
0h
These bits are reserved.
11-0
LED_CURRENT
R/W
FFFh
LED current control for all LED outputs
7.6.1.3 USER_CONFIG1 Register (Offset = 04h) [reset = 8A3h]
USER_CONFIG1 is shown in Figure 7-25 and described in Table 7-16.
Return to Summary Table.
Figure 7-25. GROUPING1 Register
15
14
13
12
11
10
9
8
RESERVED
SPREAD_PSE
UDO_EN
SPREAD_MOD_FREQ
SPREAD_RANGE
BRT_MODE
R/W-0h
R/W-0h
R/W-0h
R/W-2h
R/W-0h
7
6
5
4
3
2
1
0
SLOPE_SELECT
DITHER_SELECT
ADV_SLOPE_E
NABLE
RESERVED
R/W-5h
R/W-0h
R/W-1h
R/W-1h
Table 7-16. USER_CONFIG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R/W
0h
This bit is reserved.
14
SPREAD_PSEUDO_EN
R/W
0h
0h = Pseudo Random SS disabled
1h = Pseudo Random SS enabled
13-12
SPREAD_MOD_FREQ
R/W
0h
Boost spread spectrum modulation frequency
0h = 200 Hz
1h = 500 Hz
2h = 800 Hz
3h = 1.2 kHz
11-10
SPREAD_RANGE
R/W
2h
OSC_BST spread spectrum range
0h = 3.3%
1h = 4.3%
2h = 5.3%
3h = 7.2%
9-8
BRT_MODE
R/W
0h
Select PWM pin or DISPLAY_BRT register for brightness controll
0h = Brightness controlled by PWM input
1h = Reserved
2h = Brightness controlled by DISPLAY_BRT register
3h = Reserved
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
44
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com