Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 42 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 38Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 39Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 40Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 41Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 42Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 43Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 44Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 45Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
7.5.2 Programming Examples
7.5.2.1 General Configuration Registers
The LP8866S-Q1 does not require any serial interface configuration. It can be simply controlled with the EN pin
and PWM pin. Most of the device configuration is accomplished using external resistor values. If I2C interface is
available then extended configuration is possible. The configuration registers can be written from standby state
to normal state as shown in Table 7-10.
Table 7-10. Configuration Registers
REGISTER NAME
FUNCTION
ADV_SLOPE_ENABLE
Enables advance sloper S-shape smoothing function.
DITHER_SELECT
Selects up to 3 bits of PWM dither for added dimming resolution.
SLOPE_SELECT
Selects duration for linear brightness sloper.
BRT_MODE
Selects PWM pin or DISPLAY_BRT register for brightness control.
SPREAD_RANGE
Selects up to 2 bits boost switching frequency spread spectrum range.
SPREAD_MOD_FREQ
Selects up to 2 bits boost switching frequency spread spectrum modulation frequency.
SPREAD_PSEUDO_EN
Enables pseudo random modulation for boost switching spread spectrum frequency.
7.5.2.2 Clearing Fault Interrupts
The LP8866S-Q1 has an INT pin to alert the host when a fault occurs. If I2C interface is available, the Interrupt
Fault Status registers can be read back to learn which fault(s) have been detected. These status bits are located
in the SUPPLY_STATUS, BOOST_STATUS and LED_STATUS registers. Each interrupt status has a STATUS bit
and a CLEAR bit. To clear a fault interrupt status a 1 must be written to both the STATUS bit and CLEAR bit at
the same time.
7.5.2.3 Disabling Fault Interrupts
By default, most of the LP8866S-Q1 faults trigger the INT pin. Each fault has two INT_EN bits. These bits are
located in the SUPPLY_INT_EN, BOOST_INT_EN, and LED_INT_EN registers. If the INT_EN bit is read and
returns 2b'10, the INT pin is triggered when that fault occurs. The fault interrupt can be disabled by writing 2b'01
to its INT_EN bits, or it can be enabled by writing 2b'11 to its INT_EN bits. There is also a GLOBAL fault interrupt
that can be disabled to prevent any faults from triggering the INT pin.
7.5.2.4 Diagnostic Registers
The LP8866S-Q1 contains several diagnostic registers than can be read with the serial interface for debugging
or additional device information. Table 7-11 is a summary of the available registers.
Table 7-11. Diagnostic Registers
REGISTER NAME
FUNCTION
FSM_LIVE_STATUS
Current state of the functional state machine
PWM_INPUT_STATUS
Measured 16-bit duty cycle of the PWM pin input
LED_PWM_STATUS
16-bit LED PWM duty cycle from state machine
LED_CURRENT_STATUS
12-bit LED current DAC value from state machine
VBOOST_STATUS
10-bit value for adaptive boost voltage target — value is linear between
VBOOST_MIN and VBOOST_MAX calculations
MODE_SEL_CFG
Dimming mode configuration from MODE detection
LED_STRING_CFG
LED string phase configuration from LEDSET detection
BOOST_FREQ_SEL
Boost switching frequency value from BST_FSET detection
PWM_FREQ_SEL
LED PWM frequency value from PWM_FSET detection
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com