Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 39 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 35Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 36Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 37Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 38Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 39Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 40Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 41Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 42Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
7.4 Device Functional Modes
7.4.1 State Diagram
SHUTDOWN
VDD > VDDUVLO
EN = High
DEVICE INIT
PL FET
SOFTSTART
BOOST
SOFTSTART
25 ms
NORMAL
50 ms
FAULT RECOVERY
FAULT
LATCH FAULT
All LED channel have been disabled
due to open or short faults
DISCHARGE
EN = 0
DISCHARGE DONE
And EN = 0
STANDBY
FAULT
FAULT
100ms
EN = 0
15 ms
Figure 7-19. State Machine Diagram
7.4.2 Shutdown
When EN is pulled low, boost, power-line FET, and LED outputs are turned off, and the device tries to discharge
the boost output for 400 ms. After this, the device is totally turned off.
7.4.3 Device Initialization
After POR is released device initialization begins. During this state the LDO is started up, EEPROM default and
trim configurations are loaded, LEDSET, MODE, BOOST_FSET and PWM_FSET resistors are detected.
7.4.4 Standby Mode
Starting from Standby mode, the device can be accessed with I2C to change any configuration registers.
Standby Mode is immediately switched to Power-line FET Soft Start mode if there's no fault.
7.4.5 Power-line FET Soft Start
Power-line FET is gradually enabled during this 25-ms long state. Boost input and output capacitors are charged
to VIN level. VIN faults for OCP, OVP, and UVP and fault for LED short to GND are enabled.
7.4.6 Boost Start-Up
Boost voltage is ramped to initial boost voltage level with reduced current limit for 50 ms. All boost faults are now
enabled.
7.4.7 Normal Mode
LED drivers are enabled when brightness is greater than zero. All LED faults are active.
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com