Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 38 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 34Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 35Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 36Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 37Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 38Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 39Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 40Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 41Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
Table 7-9. Fault and Protection Schemes (continued)
FAULT NAME
STATUS BIT
CONDITION
TRIGGER FAULT
INTERRUPT
ENTER FAULT
RECOVERY
ACTION
ISET resistor fault
ISET_STATUS
ISET pin voltage is pulled down to below
1V due to ISET pin resistor shorted to
GND
Yes
No
LED_CURRENT[11:0] is written to 0x3FF. Total
LED current limited to 70 mA.
Thermal shutdown
TSD_STATUS
Junction temperature rises above TSD
threshold.
Yes
Yes
Device goes to standby and then attempts to
restart once die temperature falls below threshold.
Open LED string
LED_STATUS
OPEN_LED
Headroom voltage on one or more
channels is below minimum level and
boost has adapted to maximum level.
Yes
No
Faulted LED string is disabled and removed from
adaptive boost control loop. String is re-enabled
next power cycle.
LED internal short
LED_STATUS_SHORT_L
ED
Headroom voltage on one or more
channels is above the
SHORTED_LED_THRESHOLD for > 5
ms while the headroom of at least one
channel is still below this threshold.
Yes
No
Faulted LED string is disabled and removed from
adaptive boost control loop. String is re-enabled
next power cycle.
LED short to GND
LED_STATUS_GND_LE
D
During PL FET SOFT START, voltage of
one or more used LED output is below
VHEADROOM when small test current is
injected.
In BOOST_SU and Normal Stage,
voltage of one or more used LED output
is below VSHORTGND.and keeps still when
the corresponding channel is off and
small test current is injected.
Yes
Yes
Device goes to Fault Recovery and then attempts
to restart 100 ms after fault occurs.
Invalid LED string detected INVSTRING_STATUS
Configured unused LED output is
detected not short to GND.
Yes
No
Device functions normally, if possible.
I2C timeout
I2C_ERROR_STATUS
Device receives I2C command without
STOP signal for 500 ms.
Yes
No
Device functions normally and waits for the next
I2C command.
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
38
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com