Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 35 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 31Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 32Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 33Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 34Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 35Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 36Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 37Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 38Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
No actions
Open LED fault
when
VBOOST = MAX
Short LED fault ( at least one
output should be between
LOW_COMP and MID COMP)
Open LED Fault
Short LED
Fault
Normal
Conditions
Fault Conditions
OUT1~6 PIN
VOLTAGE
VLEDSHORT
VHEADROOM+VHEADROOM_HYS
VHEADROOM
VSHORTGND
LED Short to
GND Fault
Figure 7-18. LED Open and Short Detection Logic
7.3.9.3.2 Short LED Faults (SHORT_LED)
Short LED fault is detected if one or more LED outputs are above the VLEDSHORT typical 5.4 V and at least one
LED output is inside the normal operation window (see Figure 7-18). Shorted string is disconnected from the
boost adaptive control loop and the LED PWM output is disabled. LED_STATUS status bit is set and an interrupt
generated similarly as in open LED case. Detailed shorted LED fault can be read from bits SHORT_LED and
LEDx_FAULT (x = 1...6), indicating the faulty LED) in LED_FAULT_STATUS register.
In HUD application, when output channels are connected as groups and only one or two groups are active, one
more special condition will trigger the short LED fault. This is when boost adaptive voltage comes to minimum
and one of the LED channels voltage is still higher than VHEADROOM + VHEADROOM_HYS.
7.3.9.3.3 LED Short to GND Faults (GND_LED)
During boost soft start and normal boost operation, if LED output is lower than VSHORTGND for 20 ms, device
turns off the corresponding LED output channel and output a typical 6-mA current for 300-µs period again. After
this operation, if output voltage is still lower than VHEADROOM, LED short to GND fault will be reported.
If LED short to GND is reported, boost, LED outputs and power-line FET is turned off, the device will enter Fault
Recovery mode. LED_STATUS bit is set and an interrupt generated similarly as in open LED case. LED short to
GND fault reason can be read from bits LED_GND and LEDx_FAULT (x = 1...6) in LED_FAULT_STATUS
register. These bits maintain their value until device powers are down while the LED_STATUS bit is cleared by
the interrupt clearing procedure.
7.3.9.3.4 Invalid LED String Faults (INVSTRING)
During device initialization, any of un-used LED outputs pins are checked whether connected to GND or not. If
they are not connected to GND as expected, the LP8866S-Q1 reports invalid string fault and tries to function
normally if possible. The INVSTRING_STATUS fault bit is set in the LED_FAULT_STATUS register, and the INT
pin is triggered. The LEDSET resistor missing or invalid fault is not detected after initialization, so that the
LP8866S-Q1 operates in the configuration determined during initialization even though the LEDSET resistor is
missing or invalid after initialization.
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com