Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 34 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 30Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 31Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 32Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 33Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 34Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 35Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 36Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 37Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
7.3.9.2.5 FSET Resistor Missing Faults (FSET)
The FSET resistor missing or invalid for both BOOST_FSET and PWM_FSET is detected if any one of them is
not assembled or not a valid value as requested during the initialization. LP8866S-Q1 defaults the switching
frequency of boost to 400 kHz if BOOST_FSET resistor is missing or invalid, or PWM dimming frequency to 305
Hz if PWM_FSET resistor is missing or invalid. The FSET_STATUS fault bit is set in the
BOOST_FAULT_STATUS register. The FSET resistor missing or invalid fault is not monitored after initialization,
so that the LP8866S-Q1 device operates at the boost switching frequency and the PWM dimming frequency
determined during initialization even though the FSET resistor is missing or invalid after initialization.
7.3.9.2.6 ISET Resistor Out of Range Faults (ISET)
If the ISET pin resistor is shorted to GND during normal operation, the maximum current for each LED channel
can be calculated in Equation 20 :
§
·
u ¨
¸
©
¹
LED_ISET_FAULT
LED _ LIMIT
LED_CURRENT[11:0]
I
= I
4095
(20)
where
• ILED_LIMIT = 280 mA
LED_CURRENT[11:0] register will be automatically modified to 1/4 of latest programmed data. if it is not
programmed after device enabling, the default value of LED_CURRENT[11:0] register is 0xFFF and
automatically modified to 0x3FF after the fault occurs. If ISET pin voltage returns back to above 1.1 V, the
LED_CURRENT[11:0] register data automatically returns to latest programmed data. The ISET_STATUS fault bit
will be set in the BOOST_FAULT_STATUS register and the INT pin is triggered.
7.3.9.2.7 Thermal Shutdown Faults (TSD)
If the die temperature of LP8866S-Q1 reaches the thermal shutdown threshold TSD, the boost, power-line FET,
and LED outputs on LP8866S-Q1 shuts down to protect the device from damage. Fault status bit TSD_STATUS
bit will be set, and the INT pin will be triggered. The device restarts the power-line FET, the boost, and LED
outputs when temperature drops by TSD_HYS amount.
7.3.9.3 LED Faults
7.3.9.3.1 Open LED Faults (OPEN_LED)
During normal boost operation, boost voltage is raised if any of the used LED outputs falls below the
LED_DRV_HEADROOM threshold level. Open LED fault is detected if boost output voltage has reached the
maximum and at least one LED output is still below the threshold. The open string is then disconnected from the
boost adaptive control loop and its output is disabled. Any LED fault sets the status bit LED_STATUS and an
interrupt is generated unless LED interrupt is disabled. The detail of open LED faults can be read from bits
OPEN_LED and LEDx_FAULT (x = 1...6). These bits maintain their value until device power-down. But the
LED_STATUS bit could be cleared by the interrupt clearing procedure. If a new LED fault is detected,
LED_STATUS is set and an interrupt generated again.
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com