Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 33 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 29Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 30Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 31Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 32Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 33Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 34Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 35Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 36Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
7.3.9.1.5 Charge Pump Faults (CPCAP, CP)
If during LP8866S-Q1 device operation voltage of CPUMP pin falls below typical 4.2-V, boost, power-line FET,
and LED outputs are turned off, and the device enters Fault Recovery mode and then attempt to restart 100 ms
after fault occurs. The CP_STATUS fault bit will beset in the SUPPLY_FAULT_STATUS register, and the INT pin
are triggered.
If during LP8866S-Q1 device initialization, the charge pump fly capacitor is disconnected or shorted, charge
pump are turned off. In result, boost, power-line FET, and LED outputs are turned off, and the device enters
Fault Recovery mode and then attempt to restart 100 ms after fault occurs. Both CPCAP_STATUS and
CP_STATUS fault bits are set in the SUPPLY_FAULT_STATUS register, and the INT pin are triggered.
7.3.9.1.6 CRC Error Faults (CRCERR)
If during LP8866S-Q1 device initialization, the factory default configuration for registers, options and trim bits are
not corrected loaded from memory, LP8866S-Q1 keeps operating normally, unless other fault criteria is
triggered. The CRCERR_STATUS fault bit are set in the SUPPLY_FAULT_STATUS register and the INT pin are
triggered.
7.3.9.2 Boost Faults
7.3.9.2.1 Boost Overvoltage Faults (BSTOVPL, BSTOVPH)
Boost overvoltage is detected if the FB pin voltage exceeds the VFB_OVPL threshold. When boost overvoltage is
detected, BSTOVPL_STATUS bit will be set in the BOOST_FAULT_STATUS register. The boost FET stops
switching, and the output voltage will be automatically limited. If the BSTOVPL_STATUS bit is continually set
(that is, reappears after clearing), it may indicate an loop issue in the application. Boost overvoltage low is
monitored during device Boost Softstart and Normal mode.
A second boost overvoltage high fault is detected if the FB pin voltage exceeds the VFB_OVPH threshold or the
DISCHARGE pin voltage exceeds the VBST_OVPH. The LP8866S-Q1 device enters the fault recovery state to
protect system damage from a high boost voltage. When boost overvoltage is detected, BSTOVPH_STATUS bit
is set in the BOOST_FAULT_STATUS register. A fault interrupt is also generated. The device enters Fault
Recovery mode and then attempt to restart after 100 ms. Boost overvoltage high is monitored during Boost
Softstart and Normal mode.
7.3.9.2.2 Boost Overcurrent Faults (BSTOCP)
Boost overcurrent is detected if the FB pin voltage drops below the VUVP threshold for 110 ms. If the boost
overcurrent timer expires before the output voltage recovers, the BSTOCP_STATUS bit is set in the
BOOST_FAULT_STATUS register. The fault recovery state is entered, and a fault interrupt is generated. The
device will enter Fault Recovery mode and then attempt to restart after 100 ms. If the BSTOCP_STATUS bit is
permanently set, it may indicate an issue in the application. Boost overcurrent is monitored from the boost start,
and fault may trigger during boost start-up.
7.3.9.2.3 LEDSET Resistor Missing Faults (LEDSET)
The LEDSET resistor missing or invalid is detected if the resistor is not assembled or not valid value as
requested during the initialization. The LP8866S-Q1 device defaults to 6-channel/150-mA configuration if the
LEDSET resistor is missing or invalid. The LEDSET_STATUS fault bit is set in the BOOST_FAULT_STATUS
register. The LEDSET resistor missing or invalid fault will not be monitored after initialization, so that the
LP8866S-Q1 is operating in the configuration determined during initialization even though the LEDSET resistor
is missing or invalid after initialization.
7.3.9.2.4 MODE Resistor Missing Faults (MODESEL)
The MODE resistor missing or invalid is detected if the resistor is not assembled or not valid value as requested
during the initialization. LP8866S-Q1 defaults to phase-shift PWM mode with I2C address 0x2A if the MODE
resistor is missing or invalid. The MODESEL_STATUS fault bit will be set in the BOOST_FAULT_STATUS
register. The MODE resistor missing or invalid fault is not monitored after initialization, so that the LP8866S-Q1
operates in the mode determined during initialization even though the MODE resistor is missing or invalid after
initialization.
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com