Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 30 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 26Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 27Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 28Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 29Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 30Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 31Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 32Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 33Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
100 Hz
Input PWM
1.2 kHz LED
PWM
Without Dither
50.00225%
1.2 kHz LED
PWM
With 3bit Dither
50%
50%
50%
50%
50.006%
50.006%
50.006%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Figure 7-14. PWM Dither Example
The dither block also helps in low brightness scenario when dimming ratio is limited by LED PWM output
frequency and the LED output pulse is less than the minimum pulse width (200 ns). In such scenario, the dither
block will skip some of the PWM pulses to reduce the brightness further, enabling high dimming ratio. The end
result is that the LED PWM frequency is reduced as more and more minimum pulses are skipped or dithered
out. At the same time, dither block will also guarantee that the minimum LED PWM frequency is not less than
152 Hz to ensure no brightness flickering. Figure 7-15 shows how the dither works in low brightness scenario.
100 Hz
Input PWM
305 Hz LED PWM
With Minimum Pulse
Dither
300 ns = 0.003%
200 ns
3.2 ms
No
Pulse
3.2 ms
200 ns
3.2 ms
3.2 ms
No
Pulse
300 ns = 0.003%
Average Brightness = 0.003%
Figure 7-15. Minimum Brightness Dither Example
7.3.9 Protection and Fault Detections
The LP8866S-Q1 device includes fault detections for LED open, short and short-to-GND conditions, boost input
undervoltage, overvoltage and overcurrent, boost output overvoltage and overcurrent, VDD undervoltage, die
overtemperature and external components. The host can monitor the status of the faults in registers
SUPPLY_FAULT_STATUS, BOOST_FAULT_STATUS and LED_STATUS.
7.3.9.1 Supply Faults
7.3.9.1.1 VIN Undervoltage Faults (VINUVLO)
The LP8866S-Q1 device supports VIN undervoltage and overvoltage protection. The undervoltage threshold is
programmable through external resistor divider on UVLO pin. If during operation of the LP8866S-Q1 device, the
UVLO pin voltage falls below the UVLO falling level (0.787 V typical), the boost, LED outputs, and power-line
FET will be turned off, and the device will enter STANDBY mode. The VINUVLO_STATUS bit is also set in the
SUPPLY_FAULT_STATUS register, and the INT pin is triggered. When the UVLO voltage rises above the rising
threshold level the LP8866S-Q1 exits STANDBY and begins the start-up sequence.
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
[Old version datasheet]   LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com