Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 26 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 22Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 23Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 24Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 25Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 26Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 27Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 28Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 29Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
PWM
I
2C
PWM
Detector
DISPLAY
BRIGHTNESS
REGISTERS
MUX
BRT_MODE[1:0]
SLOPER
ADV_SLOPE_EN
SLOPE_SELECT[2:0]
Dither
PWM
GENERATOR
PWM_FSET Resistor
PHASE
SHIFT
MUX
PWM_FSET Resistor
LED
DRIVER
MODE Resistor
OUT1
OUT2
OUT3
OUT4
HYBIRD
DIMMING
CURRENT
MULTIPLIER
LED_
CURRENT
AUTO_LED_STRING_CFG[3:0]
ISET Resistor
DITHER_SELECT[3:0]
OUT5
OUT6
MODE Resistor
Figure 7-9. LP8866S-Q1 Brightness Path Diagram
7.3.8.2 Dimming Mode
Dimming mode can be adjusted via an external resistor to MODE pin (see Table 7-7). Resistor with 1% accuracy
is needed to ensure proper operation.
Table 7-7. Dimming Mode Configuration
R_MODE (kΩ)
MODE
I2C Address
3.92
Phase-shift PWM Mode
0x2B
4.75
Hybrid Mode
0x2B
5.76
Current Dimming Mode
0x2B
7.87
Direct PWM Mode
0x2B
11
Phase-shift PWM Mode
0x2A
17.8
Hybrid Mode
0x2A
42.2
Current Dimming Mode
0x2A
124
Direct PWM Mode
0x2A
7.3.8.3 LED Dimming Frequency
The LED dimming frequency is asynchronous from the input PWM frequency for phase-shift PWM mode and
hybrid dimming mode. The LED dimming frequency is generated from the internal 20-MHz oscillator and can be
set to eight discrete frequencies from 152 Hz to 19.531 kHz. The PWM dimming resolution is highest when the
lowest PWM frequency is used. The PWM_FSET resistor determines the LED Dimming frequency based on
Table 7-8. Resistor with 1% accuracy is needed to ensure proper operation. PWM resolution in Table 7-8 is with
PWM dither disabled.
Table 7-8. LED PWM Frequency Selection
R_PWM_FSET (kΩ)
LED PWM FREQUENCY (Hz)
PWM DIMMING RESOLUTION (bits)
3.92
152
16
4.75
305
16
5.76
610
15
7.87
1221
14
11
2441
13
17.8
4883
12
42.2
9766
11
124
19531
10
7.3.8.4 Phase-Shift PWM Mode
In Phase-Shift PWM mode, all current active channels are turned on and off at LED dimming frequency with a
constant delay. However, the number of used channels or channel groups determine the phase delay time
between two neighboring channels as shown in Figure 7-10.
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com