Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8866S-Q1 Datasheet(PDF) 25 Page - Texas Instruments

Part # LP8866S-Q1
Description  LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8866S-Q1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP8866S-Q1_V01 Datasheet HTML 21Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 22Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 23Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 24Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 25Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 26Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 27Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 28Page - Texas Instruments LP8866S-Q1_V01 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
load frequency, which can move potential capacitor noise above the audible band while still keeping PWM
frequency low to support a higher dimming ratio.
When the LP8866S-Q1 device is firstly powered on, the string configuration is configured by the LED_SET
resistor and the phases of each channel are automatically configured. The LED string configuration must not be
changed unless the LP8866S-Q1 is powered off in shutdown state. The unused LEDx pins should be tied to
ground.
Table 7-6. LED Output String Configuration
R_LED_SET (kΩ)
CONFIGURATION
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
AUTOMATIC
PHASE
SHIFT
3.92
6 Channels
150 mA
150 mA
150 mA
150 mA
150 mA
150 mA
60°
4.75
5 Channels
150 mA
150 mA
150 mA
150 mA
150 mA
(Tied to GND)
72°
5.76
4 Channels
150 mA
150 mA
150 mA
150 mA
(Tied to
GND)
(Tied to GND)
90°
7.87
3 Channels
150 mA
150 mA
150 mA
(Tied to
GND)
(Tied to
GND)
(Tied to GND)
120°
11
2 Channels
150 mA
150 mA (Tied to GND)
(Tied to
GND)
(Tied to
GND)
(Tied to GND)
180°
17.8
3 Channels
300 mA
300 mA
300 mA
120°
42.2
2 Channels
450 mA
450 mA
180°
124
1 Channels
900 mA
None
7.3.7.3 LED Output PWM Clock Generation
The LED PWM frequency is asynchronous from the input PWM frequency. The LED PWM frequency is
generated from the internal 20-MHz oscillator and can be set to eight discrete frequencies from 152 Hz to 19.531
kHz. The PWM dimming resolution is highest when the lowest PWM frequency is used. The PWM_FSET resistor
determines the LED PWM frequency based on Table 7-8. PWM resolution in Table 7-8 is with PWM dither
disabled.
7.3.8 Brightness Control
The LP8866S-Q1 supports global brightness control for all LED strings through either duty cycle input on PWM
pin or register by I2C bus. An internal 20-MHz clock is used for generating PWM outputs.
7.3.8.1 Brightness Control Signal Path
The BRT_MODE register selects whether the input to the display brightness path is the PWM input pin or
DISP_BRT register. PWM input control will be the default setup after power on. The brightness control signal
path diagram is shown in Figure 7-9
The display brightness path has sloper function that can be enabled. By default the sloper function is enabled.
The sloper and dither function also can be programmable by I2C control. The sloper function is described in
Section 7.3.8.7, and the dither function is described in Section 7.3.8.9.
www.ti.com
LP8866S-Q1
SNVSBD1A – AUGUST 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LP8866S-Q1


Similar Part No. - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
More results

Similar Description - LP8866S-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8866S-Q1 TI-LP8866S-Q1 Datasheet
1Mb / 77P
LP8866S-Q1 Automotive Display LED-backlight with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com