Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3114 Datasheet(PDF) 94 Page - NEC

Part # UPD70F3114
Description  32-Bit Single-Chip Microcontrollers
Download  692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3114 Datasheet(HTML) 94 Page - NEC

Back Button UPD70F3114 Datasheet HTML 90Page - NEC UPD70F3114 Datasheet HTML 91Page - NEC UPD70F3114 Datasheet HTML 92Page - NEC UPD70F3114 Datasheet HTML 93Page - NEC UPD70F3114 Datasheet HTML 94Page - NEC UPD70F3114 Datasheet HTML 95Page - NEC UPD70F3114 Datasheet HTML 96Page - NEC UPD70F3114 Datasheet HTML 97Page - NEC UPD70F3114 Datasheet HTML 98Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 692 page
background image
CHAPTER 4 BUS CONTROL FUNCTION
94
User’s Manual U15195EJ5V0UD
4.6
Wait Function
4.6.1
Programmable wait function
(1) Data wait control registers 0, 1 (DWC0, DWC1)
To facilitate interfacing with low-speed memory or with I/Os, it is possible to insert up to 7 data wait states in
the bus cycle activated for each CS space.
The number of wait states can be specified by program using data wait control registers 0 and 1 (DWC0 and
DWC1). Just after system reset, all blocks have 3 data wait states inserted.
These registers can be read/written in 16-bit units.
Only the DW02, DW01, and DW00 bits are valid in the V850E/IA2. These registers are not affected by other
bit settings.
Cautions 1. The internal ROM area and internal RAM area are not subject to programmable waits
and ordinarily no wait access is carried out. The on-chip peripheral I/O area is also not
subject to programmable wait states, with wait control performed by each peripheral
function only.
2. Write to the DWC0 and DWC1 registers after reset, and then do not change the set
values.
Also, do not access an external memory area other than the one for this
initialization routine until the initial setting of the DWC0 and DWC1 registers is
complete.
However, it is possible to access external memory areas whose initial
settings are complete.
15
DWC0
CSn signal
Address
FFFFF484H
After reset
3333H
14
13
12
11
10
98
7654
32
10
0
DW32 DW31 DW30
0
DW22 DW21 DW20
0
DW12 DW11 DW10
0
DW02 DW01 DW00
0
DW72 DW71 DW70
0
DW62 DW61 DW60
0
DW52 DW51 DW50
0
DW42 DW41 DW40
CS3
CS2
CS1
CS0
CS7
CS6
CS5
CS4
15
DWC1
CSn signal
Address
FFFFF486H
After reset
3333H
14
13
12
11
10
98
7654
32
10
Bit position
Bit name
Function
Specifies the number of wait states inserted in the CSn space.
DWn2
DWn1
DWn0
Number of wait states inserted in CSn space
0
0
0
Not inserted
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
14 to 12,
10 to 8,
6 to 4,
2 to 0
DWn2 to
DWn0
(n = 0 to 7)


Similar Part No. - UPD70F3114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A NEC-UPD70F3116A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A1 NEC-UPD70F3116A1 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN NEC-UPD70F3116GJ-UEN Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN-A NEC-UPD70F3116GJ-UEN-A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com