Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3114 Datasheet(PDF) 74 Page - NEC

Part # UPD70F3114
Description  32-Bit Single-Chip Microcontrollers
Download  692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3114 Datasheet(HTML) 74 Page - NEC

Back Button UPD70F3114 Datasheet HTML 70Page - NEC UPD70F3114 Datasheet HTML 71Page - NEC UPD70F3114 Datasheet HTML 72Page - NEC UPD70F3114 Datasheet HTML 73Page - NEC UPD70F3114 Datasheet HTML 74Page - NEC UPD70F3114 Datasheet HTML 75Page - NEC UPD70F3114 Datasheet HTML 76Page - NEC UPD70F3114 Datasheet HTML 77Page - NEC UPD70F3114 Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 692 page
background image
CHAPTER 3 CPU FUNCTION
74
User’s Manual U15195EJ5V0UD
(7/10)
Bit Units for Manipulation
Address
Function Register Name
Symbol
R/W
1 Bit
8 Bits
16 Bits
After Reset
FFFFF635H
Timer 2 input filter mode register 5
FEM5
R/W
00H
FFFFF640H
Timer 2 clock stop register 0
STOPTE0
R/W
0000H
FFFFF640H Timer 2 clock stop register 0L
STOPTE0L
R
00H
FFFFF641H Timer 2 clock stop register 0H
STOPTE0H
R/W
00H
FFFFF642H
Timer 2 count clock/control edge selection
register 0
CSE0
R/W
0000H
FFFFF642H Timer 2 count clock/control edge selection
register 0L
CSE0L
R/W
00H
FFFFF643H Timer 2 count clock/control edge selection
register 0H
CSE0H
R/W
00H
FFFFF644H
Timer 2 subchannel input event edge
selection register 0
SESE0
R/W
0000H
FFFFF644H Timer 2 subchannel input event edge
selection register 0L
SESE0L
R/W
00H
FFFFF645H Timer 2 subchannel input event edge
selection register 0H
SESE0H
R/W
00H
FFFFF646H
Timer 2 time base control register 0
TCRE0
R/W
0000H
FFFFF646H Timer 2 time base control register 0L
TCRE0L
R/W
00H
FFFFF647H Timer 2 time base control register 0H
TCRE0H
R/W
00H
FFFFF648H
Timer 2 output control register 0
OCTLE0
R/W
0000H
FFFFF648H Timer 2 output control register 0L
OCTLE0L
R/W
00H
FFFFF649H Timer 2 output control register 0H
OCTLE0H
R/W
00H
FFFFF64AH
Timer 2 subchannel 0, 5 capture/compare
control register
CMSE050
R/W
0000H
FFFFF64CH
Timer 2 subchannel 1, 2 capture/compare
control register
CMSE120
R/W
0000H
FFFFF64EH
Timer 2 subchannel 3, 4 capture/compare
control register
CMSE340
R/W
0000H
FFFFF650H
Timer 2 subchannel 1 sub capture/compare
register
CVSE10
R/W
0000H
FFFFF652H
Timer 2 subchannel 1 main capture/compare
register
CVPE10
R
0000H
FFFFF654H
Timer 2 subchannel 2 sub capture/compare
register
CVSE20
R/W
0000H
FFFFF656H
Timer 2 subchannel 2 main capture/compare
register
CVPE20
R
0000H
FFFFF658H
Timer 2 subchannel 3 sub capture/compare
register
CVSE30
R/W
0000H
FFFFF65AH
Timer 2 subchannel 3 main capture/compare
register
CVPE30
R
0000H
FFFFF65CH
Timer 2 subchannel 4 sub capture/compare
register
CVSE40
R/W
0000H


Similar Part No. - UPD70F3114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A NEC-UPD70F3116A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A1 NEC-UPD70F3116A1 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN NEC-UPD70F3116GJ-UEN Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN-A NEC-UPD70F3116GJ-UEN-A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com