Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3114 Datasheet(PDF) 68 Page - NEC

Part # UPD70F3114
Description  32-Bit Single-Chip Microcontrollers
Download  692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3114 Datasheet(HTML) 68 Page - NEC

Back Button UPD70F3114 Datasheet HTML 64Page - NEC UPD70F3114 Datasheet HTML 65Page - NEC UPD70F3114 Datasheet HTML 66Page - NEC UPD70F3114 Datasheet HTML 67Page - NEC UPD70F3114 Datasheet HTML 68Page - NEC UPD70F3114 Datasheet HTML 69Page - NEC UPD70F3114 Datasheet HTML 70Page - NEC UPD70F3114 Datasheet HTML 71Page - NEC UPD70F3114 Datasheet HTML 72Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 692 page
background image
CHAPTER 3 CPU FUNCTION
68
User’s Manual U15195EJ5V0UD
3.4.8
On-chip peripheral I/O registers
(1/10)
Bit Units for Manipulation
Address
Function Register Name
Symbol
R/W
1 Bit
8 Bits
16 Bits
After Reset
FFFFF004H
Port DL
PDL
R/W
Undefined
FFFFF004H Port DLL
PDLL
R/W
Undefined
FFFFF005H Port DLH
PDLH
R/W
Undefined
FFFFF006H
Port DH
PDH
R/W
Undefined
FFFFF00AH
Port CT
PCT
R/W
Undefined
FFFFF00CH
Port CM
PCM
R/W
Undefined
FFFFF024H
Port DL mode register
PMDL
R/W
FFFFH
FFFFF024H Port DL mode register L
PMDLL
R/W
FFH
FFFFF025H Port DL mode register H
PMDLH
R/W
FFH
FFFFF026H
Port DH mode register
PMDH
R/W
FFH
FFFFF02AH
Port CT mode register
PMCT
R/W
FFH
FFFFF02CH
Port CM mode register
PMCM
R/W
FFH
FFFFF044H
Port DL mode control register
PMCDL
R/W
0000H/FFFFH
FFFFF044H Port DL mode control register L
PMCDLL
R/W
00H/FFH
FFFFF045H Port DL mode control register H
PMCDLH
R/W
00H/FFH
FFFFF046H
Port DH mode control register
PMCDH
R/W
00H/FFH
FFFFF04AH
Port CT mode control register
PMCCT
R/W
00H/53H
FFFFF04CH
Port CM mode control register
PMCCM
R/W
00H/03H
FFFFF060H
Chip area selection control register 0
CSC0
R/W
2C11H
FFFFF062H
Chip area selection control register 1
CSC1
R/W
2C11H
FFFFF066H
Bus size configuration register
BSC
R/W
5555H
FFFFF06EH
System wait control register
VSWC
R/W
77H
FFFFF080H
DMA source address register 0L
DSA0L
R/W
Undefined
FFFFF082H
DMA source address register 0H
DSA0H
R/W
Undefined
FFFFF084H
DMA destination address register 0L
DDA0L
R/W
Undefined
FFFFF086H
DMA destination address register 0H
DDA0H
R/W
Undefined
FFFFF088H
DMA source address register 1L
DSA1L
R/W
Undefined
FFFFF08AH
DMA source address register 1H
DSA1H
R/W
Undefined
FFFFF08CH
DMA destination address register 1L
DDA1L
R/W
Undefined
FFFFF08EH
DMA destination address register 1H
DDA1H
R/W
Undefined
FFFFF090H
DMA source address register 2L
DSA2L
R/W
Undefined
FFFFF092H
DMA source address register 2H
DSA2H
R/W
Undefined
FFFFF094H
DMA destination address register 2L
DDA2L
R/W
Undefined
FFFFF096H
DMA destination address register 2H
DDA2H
R/W
Undefined
FFFFF098H
DMA source address register 3L
DSA3L
R/W
Undefined
FFFFF09AH
DMA source address register 3H
DSA3H
R/W
Undefined
FFFFF09CH
DMA destination address register 3L
DDA3L
R/W
Undefined


Similar Part No. - UPD70F3114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A NEC-UPD70F3116A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A1 NEC-UPD70F3116A1 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN NEC-UPD70F3116GJ-UEN Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN-A NEC-UPD70F3116GJ-UEN-A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com