Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3114 Datasheet(PDF) 53 Page - NEC

Part # UPD70F3114
Description  32-Bit Single-Chip Microcontrollers
Download  692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3114 Datasheet(HTML) 53 Page - NEC

Back Button UPD70F3114 Datasheet HTML 49Page - NEC UPD70F3114 Datasheet HTML 50Page - NEC UPD70F3114 Datasheet HTML 51Page - NEC UPD70F3114 Datasheet HTML 52Page - NEC UPD70F3114 Datasheet HTML 53Page - NEC UPD70F3114 Datasheet HTML 54Page - NEC UPD70F3114 Datasheet HTML 55Page - NEC UPD70F3114 Datasheet HTML 56Page - NEC UPD70F3114 Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 692 page
background image
CHAPTER 3 CPU FUNCTION
53
User’s Manual U15195EJ5V0UD
(2/2)
Note
During saturated operation, the saturated operation results are determined by the contents of the OV
flag and S flag. The SAT flag is set (to 1) only when the OV flag is set (to 1) during saturated operation.
Flag status
Operation result status
SAT
OV
S
Saturated
operation result
Maximum positive value exceeded
1
1
0
7FFFFFFFH
Maximum negative value exceeded
1
1
1
80000000H
Positive (maximum value not exceeded)
0
Negative (maximum value not exceeded)
Holds value
before operation
0
1
Actual operation
result
(5) CALLT execution status saving registers (CTPC, CTPSW)
There are two CALLT execution status saving registers, CTPC and CTPSW.
When the CALLT instruction is executed, the contents of the program counter (PC) are saved to CTPC, and
the program status word (PSW) contents are saved to CTPSW.
The contents saved to CTPC consist of the address of the next instruction after the CALLT instruction.
The current PSW contents are saved to CTPSW.
Bits 31 to 26 of CTPC and bits 31 to 8 of CTPSW are reserved (fixed to 0) for future function expansion.
31
0
CTPC
(PC contents saved)
0
0
After reset
0xxxxxxxH
(x: Undefined)
26 25
0 0 0 0
31
0
CTPSW
(PSW contents saved)
0
0
After reset
000000xxH
(x: Undefined)
8
0 0 0 0
0
0
0 0 0 0
0
0
0 0 0 0
0
0
0 0 0 0
7


Similar Part No. - UPD70F3114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A NEC-UPD70F3116A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A1 NEC-UPD70F3116A1 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN NEC-UPD70F3116GJ-UEN Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN-A NEC-UPD70F3116GJ-UEN-A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com