Electronic Components Datasheet Search |
|
UPD70F3114 Datasheet(PDF) 34 Page - NEC |
|
UPD70F3114 Datasheet(HTML) 34 Page - NEC |
34 / 692 page CHAPTER 2 PIN FUNCTIONS 34 User’s Manual U15195EJ5V0UD 2.3 Description of Pin Functions (1) P00 to P05 (Port 0) … Input P00 to P05 function as a 6-bit input-only port in which all pins are fixed to input. Besides functioning as an input port, in control mode, P00 to P05 operate as NMI input, timer/counter output stop signal input, external interrupt request input, A/D converter (ADC) external trigger input, and timer 3 output stop signal input. Normally, if port pins also have alternate functions, the mode is selected using a port mode control register. However, there is no such register for P00 to P05. Therefore, the input port cannot be switched with the NMI input pin, timer/counter output stop signal input pin, external interrupt request input pin, A/D converter (ADC) external trigger input pin, and timer 3 output stop signal input pin. Read the status of each pin by reading the port. (a) Port mode P00 to P05 are input-only. (b) Control mode P00 to P05 also serve as the NMI, ESO0, ESO1, ADTRG0, ADTRG1, INTP0 to INTP4, and TO3OFF pins, but they cannot be switched. (i) NMI (Non-maskable interrupt request) … Input This is non-maskable interrupt request input. (ii) ESO0, ESO1 (Emergency shut off) … Input These pins input timer 00 and timer 01 output stop signals. (iii) INTP0 to INTP4 (External interrupt input) … Input These are external interrupt request input pins. (iv) ADTRG0, ADTRG1 (A/D trigger input) … Input These are A/D converter external trigger input pins. (v) TO3OFF (Timer output 3 off) … Input This is a timer output stop signal input pin. |
Similar Part No. - UPD70F3114 |
|
Similar Description - UPD70F3114 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |