Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3114 Datasheet(PDF) 27 Page - NEC

Part # UPD70F3114
Description  32-Bit Single-Chip Microcontrollers
Download  692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3114 Datasheet(HTML) 27 Page - NEC

Back Button UPD70F3114 Datasheet HTML 23Page - NEC UPD70F3114 Datasheet HTML 24Page - NEC UPD70F3114 Datasheet HTML 25Page - NEC UPD70F3114 Datasheet HTML 26Page - NEC UPD70F3114 Datasheet HTML 27Page - NEC UPD70F3114 Datasheet HTML 28Page - NEC UPD70F3114 Datasheet HTML 29Page - NEC UPD70F3114 Datasheet HTML 30Page - NEC UPD70F3114 Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 692 page
background image
CHAPTER 1 INTRODUCTION
27
User’s Manual U15195EJ5V0UD
(9) Timer/counter function
This unit incorporates a 2-channel 16-bit timer (TM0) for 3-phase sine wave PWM inverter control, a 1-
channel 16-bit up/down counter (TM1) that can be used for 2-phase encoder input or as a general-purpose
timer, a 2-channel 16-bit general-purpose timer unit (TM2), a 1-channel 16-bit timer/event counter (TM3), and
a 1-channel 16-bit interval timer (TM4) on-chip, and can measure the pulse interval or frequency and can
output a programmable pulse.
(10) Serial interface
A total of four channels of serial interfaces, including asynchronous serial interface (UART) and clocked serial
interface (CSI), are provided. Of these channels, two are used for both UART and CSI, and their function
must be selected. Of the other two channels, one is fixed to UART, and one is fixed to CSI.
The UART performs data transfer using pins TXDn and RXDn (n = 0, 1).
The CSI performs data transfer using pins SOn, SIn, and SCKn (n = 0, 1).
(11) A/D converter (ADC)
Two circuits of high-speed, high-resolution 10-bit A/D converters with a total of 14 pins (A/D converter 0: 6
pins, A/D converter 1: 8 pins) are available. The ADC converts using a successive approximation method.
(12) Ports
As shown in the table below, ports function as general-purpose ports and as control pins.
Port
I/O
Control Functions
Port 0
6-bit input
NMI input
Timer/counter output stop signal input
External interrupt input
A/D converter external trigger input
Timer 3 output stop signal input
Port 1
3-bit I/O
Timer/counter I/O
External interrupt input
Port 2
8-bit I/O
Timer/counter I/O
External interrupt input
Port 3
5-bit I/O
Serial interface I/O (UART0, UART1/CSI1)
Port 4
3-bit I/O
Serial interface I/O (CSI0)
Port DH
6-bit I/O
External address bus (A16 to A21)
Port DL
16-bit I/O
External address/data bus (AD0 to AD15)
Port CT
4-bit I/O
External bus interface control signal output
Port CM
2-bit I/O
Wait insertion signal input
Internal system clock output


Similar Part No. - UPD70F3114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A NEC-UPD70F3116A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116A1 NEC-UPD70F3116A1 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN NEC-UPD70F3116GJ-UEN Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD70F3116GJ-UEN-A NEC-UPD70F3116GJ-UEN-A Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com