Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS41-102M Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # GS41-102M
Description  Surge Absorbers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

GS41-102M Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  GS41-102M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD GS41-102M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD GS41-102M Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD GS41-102M Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD GS41-102M Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD GS41-102M Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
Surge Absorbers
GS41 Series
1000A
1 Application:
Fast Delivery Time
·For instantaneous over-voltage protection to ADSL,ISDN,MODEM,FAX,TEL,Power Supplies,Alarm systems.
·For instantaneous over-voltage protection to RS485,RS232 port, CATV,video transceiver.
·For instantaneous over-voltage protection to ammeter,water meter auto admin system, etc
2 Features
·Small capacitance and excellent insulation resistance(100MΩ min).
·Small size,No polarity.No dark effect.
·Low electrode capacitance(1pF max).
·Quick response for electrostatic,surge voltage and low limiting voltage.
·Stable for repeated discharge test conditions.
·Operating temperature: -40℃ ~ +85℃. Storage temperature: -40℃ ~ +125℃.
3 Electrical Characteristics
Part Number
DC Spark-Over Voltage
Vs(V)
Nominal value(Min-Max)
Insulation Resistance
Capacitance
of electrostatic
Surge current
capacity
8/20us
Surge
Life
Test voltage
IR (MΩ)
1KHz-6V
GS41-141N
140V
(98V-182V)
DC50V
DC100V
DC250V
DC500V
>100MΩ
1PF(MAX)
1000A
1KHz-10KV
Max
10/700us
4KV 100A
10times
GS41-181N
180V
(126V-234V)
GS41-201M
200V
(160V-240V)
GS41-251M
250V
(200V-300V)
GS41-301M
300V
(240V-360V)
GS41-301L
300V
(255V-345V)
GS41-401M
400V
(320V-480V)
GS41-471M
470V
400V-560V)
GS41-501M
500V
(400V-600V)
GS41-601M
600V
(480V-720V)
GS41-701M
700V
(560V-840V)
GS41-102M
1000V
(800V-1200V)
GS41-152M
1500V
(1200V-1800V)
4 Dimension (Diameter 2.6mm , Length 4.3mm)
1
Revised:February 25,2014
www.huaandz.com


Similar Part No. - GS41-102M

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
GS41-102M HUAXINAN-GS41-102M Datasheet
166Kb / 2P
   Surge Absorbers
logo
SUNMATE electronic Co.,...
GS41-102M SUNMATE-GS41-102M Datasheet
872Kb / 2P
   AXIAL LEADED GLASS TUBE
More results

Similar Description - GS41-102M

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
SMB HUAXINAN-SMB Datasheet
193Kb / 2P
   Surge Absorbers
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
   Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
   Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
   Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
   Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
   Surge Absorbers
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
   surge absorbers
logo
HuaXinAn Electronics CO...
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
   Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
   Surge Absorbers
GS37-141N HUAXINAN-GS37-141N_V01 Datasheet
318Kb / 6P
   Surge Absorbers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com