Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS41-102M Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # GS41-102M
Description  Surge Absorbers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

GS41-102M Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  GS41-102M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD GS41-102M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD GS41-102M Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD GS41-102M Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD GS41-102M Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD GS41-102M Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
Surge Absorbers
5 Marking of colour code:
Fast Delivery Time
GS41-401M Photo
Part Number
Colour
GS41-141N
Brown
GS41-181N
Gray
GS41-201M
Red
GS41-301M
Red
GS41-401M
yellow
GS41-501M
Green
GS41-601M
Blue
GS41-701M
Purple
GS41-102M
Black
GS41-152M
Green
6 Part Number System(型号构成):
Example
GS41
301
M
A
No
Symbols Explain
Series Name
GS41 series(Glass Tube Dimension :Diameter: φ2.6mm , Length: 4.3mm
Nominal DC spark over voltage
The symbol denoting nominal DC spark over voltage shall be expressed by three
numerals.The first and second numerals shall represent the significant figures of
nominal DC spark over voltage in volts(V),and the third numerals shall represent the
number of zeros ,following the significant figures. Example) 301——30×10¹=300
Tolerances of DC Spark over
Voltage
Tolerances: L — ±15% ; M — ±20% ;N — ±30% ;
Taping Form
Symbol Form: A — Axial Taping
2
Revised:May 29,2015
www.huaandz.com


Similar Part No. - GS41-102M

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
GS41-102M HUAXINAN-GS41-102M Datasheet
166Kb / 2P
   Surge Absorbers
logo
SUNMATE electronic Co.,...
GS41-102M SUNMATE-GS41-102M Datasheet
872Kb / 2P
   AXIAL LEADED GLASS TUBE
More results

Similar Description - GS41-102M

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
SMB HUAXINAN-SMB Datasheet
193Kb / 2P
   Surge Absorbers
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
   Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
   Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
   Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
   Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
   Surge Absorbers
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
   surge absorbers
logo
HuaXinAn Electronics CO...
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
   Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
   Surge Absorbers
GS37-141N HUAXINAN-GS37-141N_V01 Datasheet
318Kb / 6P
   Surge Absorbers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com