Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YS-401M Datasheet(PDF) 6 Page - HuaXinAn Electronics CO.,LTD

Part # YS-401M
Description  Surge Absorbers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

YS-401M Datasheet(HTML) 6 Page - HuaXinAn Electronics CO.,LTD

  YS-401M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD YS-401M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD YS-401M Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD YS-401M Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD YS-401M Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD YS-401M Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
Surge Absorbers
12 Taping 包装 :
Mark 符号
W
P
T
Z
L1-L2
S
t
L
D1
D
Dimension(mm) 52±2.0
5.0±0.5 6.0±1.0 1.2 max 0.8 max 0.8 max 3.2 max 4.3±0.3
Φ0.5
Φ2.6±0.3
13 Package 装箱 :
Item 项目
Length
Width
Height
数量
Quantity
A=255mm
B=75mm
C=68mm
2000pcs
Shen Zhen HuaXinAn Electronics Co.,Ltd
sales@huaandz.com
abc0734@126.com
5
Revised:May 29,2015
www.huaandz.com
Tel:+86-755-27465585


Similar Part No. - YS-401M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
YS-4 SUMIDA-YS-4 Datasheet
107Kb / 2P
Filter Coils < Pin Type: YS Series>
More results

Similar Description - YS-401M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
surge absorbers
logo
HuaXinAn Electronics CO...
SMB HUAXINAN-SMB Datasheet
193Kb / 2P
Surge Absorbers
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
Surge Absorbers
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
Surge Absorbers
GS37-141N HUAXINAN-GS37-141N_V01 Datasheet
318Kb / 6P
Surge Absorbers
GS41-141N HUAXINAN-GS41-141N_V01 Datasheet
339Kb / 6P
Surge Absorbers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com